Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24HJ128GP310 Datasheet(PDF) 176 Page - Microchip Technology

Part # PIC24HJ128GP310
Description  High-Performance, 16-Bit Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ128GP310 Datasheet(HTML) 176 Page - Microchip Technology

Back Button PIC24HJ128GP310 Datasheet HTML 172Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 173Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 174Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 175Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 176Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 177Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 178Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 179Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 180Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 286 page
background image
PIC24HJXXXGPX06/X08/X10
DS70175F-page 174
© 2007 Microchip Technology Inc.
An additional buffer is always committed to monitoring
the bus for incoming messages. This buffer is called the
Message Assembly Buffer (MAB).
All messages are assembled by the MAB and are trans-
ferred to the buffers only if the acceptance filter criterion
are met. When a message is received, the RBIF flag
(CiINTF<1>) will be set. The user would then need to
inspect the CiVEC and/or CiRXFUL1 register to deter-
mine which filter and buffer caused the interrupt to get
generated. The RBIF bit can only be set by the module
when a message is received. The bit is cleared by the
user when it has completed processing the message in
the buffer. If the RBIE bit is set, an interrupt will be
generated when a message is received.
18.4.2
FIFO BUFFER MODE
The ECAN module provides FIFO buffer functionality if
the buffer pointer for a filter has a value of ‘1111’. In this
mode, the results of a hit on that buffer will write to the
next available buffer location within the FIFO.
The CiFCTRL register defines the size of the FIFO. The
FSA<4:0> bits in this register define the start of the
FIFO buffers. The end of the FIFO is defined by the
DMABS<2:0> bits if DMA is enabled. Thus, FIFO sizes
up to 32 buffers are supported.
18.4.3
MESSAGE ACCEPTANCE FILTERS
The message acceptance filters and masks are used to
determine if a message in the message assembly
buffer should be loaded into either of the receive buff-
ers. Once a valid message has been received into the
Message Assembly Buffer (MAB), the identifier fields of
the message are compared to the filter values. If there
is a match, that message will be loaded into the
appropriate receive buffer. Each filter is associated with
a buffer pointer (FnBP<3:0>), which is used to link the
filter to one of 16 receive buffers.
The acceptance filter looks at incoming messages for
the IDE bit (CiTRBnSID<0>) to determine how to com-
pare the identifiers. If the IDE bit is clear, the message
is a standard frame and only filters with the EXIDE bit
(CiRXFnSID<3>) clear are compared. If the IDE bit is
set, the message is an extended frame, and only filters
with the EXIDE bit set are compared.
18.4.4
MESSAGE ACCEPTANCE FILTER
MASKS
The mask bits essentially determine which bits to apply
the filter to. If any mask bit is set to a zero, then that bit
will automatically be accepted regardless of the filter
bit. There are three programmable acceptance filter
masks associated with the receive buffers. Any of
these three masks can be linked to each filter by select-
ing the desired mask in the FnMSK<1:0> bits in the
appropriate CiFMSKSELn register.
18.4.5
RECEIVE ERRORS
The CAN module will detect the following receive
errors:
• Cyclic Redundancy Check (CRC) Error
• Bit Stuffing Error
• Invalid Message Receive Error
These receive errors do not generate an interrupt.
However, the receive error counter is incremented by
one in case one of these errors occur. The RXWAR bit
(CiINTF<9>) indicates that the receive error counter
has reached the CPU warning limit of 96 and an
interrupt is generated.
18.4.6
RECEIVE INTERRUPTS
Receive interrupts can be divided into 3 major groups,
each including various conditions that generate
interrupts:
• Receive Interrupt:
A message has been successfully received and
loaded into one of the receive buffers. This inter-
rupt is activated immediately after receiving the
End-of-Frame (EOF) field. Reading the RXnIF flag
will indicate which receive buffer caused the
interrupt.
• Wake-up Interrupt:
The CAN module has woken up from Disable
mode or the device has woken up from Sleep
mode.
• Receive Error Interrupts:
A receive error interrupt will be indicated by the
ERRIF bit. This bit shows that an error condition
occurred. The source of the error can be deter-
mined by checking the bits in the CAN Interrupt
Flag register, CiINTF.
- Invalid Message Received:
If any type of error occurred during reception of
the last message, an error will be indicated by
the IVRIF bit.
- Receiver Overrun:
The RBOVIF bit (CiINTF<2>) indicates that an
overrun condition occurred.
- Receiver Warning:
The RXWAR bit indicates that the receive error
counter (RERRCNT<7:0>) has reached the
warning limit of 96.
- Receiver Error Passive:
The RXEP bit indicates that the receive error
counter has exceeded the error passive limit of
127 and the module has gone into error passive
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com