Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC77 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC77
Description  Thermal Sensor with SPI Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC77 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC77 Datasheet HTML 4Page - Microchip Technology TC77 Datasheet HTML 5Page - Microchip Technology TC77 Datasheet HTML 6Page - Microchip Technology TC77 Datasheet HTML 7Page - Microchip Technology TC77 Datasheet HTML 8Page - Microchip Technology TC77 Datasheet HTML 9Page - Microchip Technology TC77 Datasheet HTML 10Page - Microchip Technology TC77 Datasheet HTML 11Page - Microchip Technology TC77 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TC77
DS20092A-page 8
 2002 Microchip Technology Inc.
3.0
FUNCTIONAL DESCRIPTION
The TC77 consists of a band-gap type temperature
sensor, a 12-bit plus sign (13-bit) Sigma-Delta Analog-
to-Digital Converter (ADC), an internal conversion
oscillator (~30 kHz) and a serial input/output port.
These devices feature a three-wire serial interface that
is fully compatible with SPI and MICROWIRE specifica-
tions and, therefore, allows simple communications
with common microcontrollers and processors. The
Shutdown mode can be used to reduce supply current
for power sensitive applications. A Manufacturer’s ID
register identifies the TC77 as a Microchip Technology
product.
FIGURE 3-1:
Temperature To Digital Transfer Function (Non-linear Scale).
Temp
Temp
Output
Code
+125°C
-55°C
+25°C
-25°C
+0.0625°C
-0.0625°C
0+0111 1101 0000
0+0001 1001 0000
0+0000 0000 0001
0+0000 0000 0000
1+1111 1111 1111
1+1110 0111 0000
1+1100 1001 0000
0°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com