| Electronic Components Datasheet Search |
|
TC1017-2.8VCT Datasheet(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC1017-2.8VCT Datasheet(HTML) 13 Page - Microchip Technology |
|
13 / 22 page ![]() © 2005 Microchip Technology Inc. DS21813D-page 13 TC1017 FIGURE 5-2: Maximum Current vs. Ambient Temperature (SC-70 package). 5.3 Power Dissipation: SOT-23 The TC1017 is also available in a SOT-23 package for improved thermal performance. The thermal resistance for the SOT-23 package is approximately 255°C/W when the copper area used in the printed circuit board layout is similar to the JEDEC J51-7 low thermal conductivity standard or semi-G42-88 standard. For applications with a larger or thicker copper area, the thermal resistance can be lowered. See AN792, “A Method to Determine How Much Power a SOT-23 Can Dissipate in an Application”, DS00792, for a method to determine the thermal resistance for a particular application. The TC1017 power dissipation capability is dependant upon several variables: input voltage, output voltage, load current, ambient temperature and maximum junction temperature. The absolute maximum steady- state junction temperature is rated at +125°C. The power dissipation within the device is equal to: EQUATION 5-4: The V IN x I GND term is typically very small when compared to the (V IN–VOUT) x ILOAD term, simplifying the power dissipation within the LDO to be: EQUATION 5-5: To determine the maximum power dissipation capability, the following equation is used: EQUATION 5-6: Given the following example: Find: 1. Internal power dissipation: 2. Maximum allowable ambient temperature: 3. Maximum allowable power dissipation at desired ambient: In this example, the TC1017 dissipates approximately 158.5 mW and the junction temperature is raised 40.5°C over the ambient. The absolute maximum power dissipation is 157 mW when given a maximum ambient temperature of +85°C. Input voltage, output voltage or load current limits can also be determined by substituting known values in the power dissipation equations. Figure 5-3 and Figure 5-4 depict typical maximum power dissipation versus ambient temperature, as well as typical maximum current versus ambient tempera- ture with a 1V input voltage to output voltage differential, respectively. 0 20 40 60 80 100 120 140 160 -40 -15 10 35 60 85 110 Ambient Temperature (°C) V IN - VOUT = 1V P D V IN V OUT – () I LOAD V IN I GN D × + × = P D V IN V OUT – () I LOAD × = VIN = 3.0V to 4.1V VOUT = 2.85V ±2.5% ILOAD = 120 mA (output current) TA = +85°C (max. desired ambient) P DMAX T J_MAX T A_MAX – () R θ JA ---------------------------------------------- = Where: TJ_MAX = the maximum junction temperature allowed TA_MAX = the maximum ambient temperature R θJA = the thermal resistance from junction to air P DMAX V IN_MAX V OUT_MIN – () I LOAD × = 4.1V 2.85 0.975 () × – () 120mA × = 158.5mW = T A_MAX T J_MAX P – DMAX R θ JA × = 125 °C 158.5mW 255°C/W × – () = 84.5 °C = 125 °C40.5°C – () = P D T J_MAX T A – R θ JA ------------------------------ = 157mW = 125 °C85°C – 255 °C/W ----------------------------------- = |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |