Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1262 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1262
Description  500mA Fixed Output CMOS LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1262 Datasheet(HTML) 1 Page - Microchip Technology

  TC1262 Datasheet HTML 1Page - Microchip Technology TC1262 Datasheet HTML 2Page - Microchip Technology TC1262 Datasheet HTML 3Page - Microchip Technology TC1262 Datasheet HTML 4Page - Microchip Technology TC1262 Datasheet HTML 5Page - Microchip Technology TC1262 Datasheet HTML 6Page - Microchip Technology TC1262 Datasheet HTML 7Page - Microchip Technology TC1262 Datasheet HTML 8Page - Microchip Technology TC1262 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 2002 Microchip Technology Inc.
DS21373B-page 1
TC1262
Features
• Very Low Dropout Voltage
• 500mA Output Current
• High Output Voltage Accuracy
• Standard or Custom Output Voltages
• Over Current and Over Temperature Protection
Applications
• Battery Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Cellular/GSM/PHS Phones
• Linear Post-Regulators for SMPS
• Pagers
Device Selection Table
NOTE: xx indicates output voltages.
Available Output Voltages: 2.5, 2.8, 3.0, 3.3, 5.0.
Other output voltages are available. Please contact Microchip
Technology Inc. for details.
Package Type
General Description
The TC1262 is a fixed output, high accuracy (typically
±0.5%) CMOS low dropout regulator. Designed specif-
ically for battery-operated systems, the TC1262’s
CMOS construction eliminates wasted ground current,
significantly extending battery life. Total supply current
is typically 80
µA at full load (20 to 60 times lower than
in bipolar regulators).
TC1262 key features include ultra low noise operation,
very low dropout voltage (typically 350mV at full load),
and fast response to step changes in load.
The TC1262 incorporates both over temperature and
over current protection. The TC1262 is stable with an
output capacitor of only 1
µF and has a maximum
output current of 500mA. It is available in 3-Pin
SOT-223, 3-Pin TO-220 and 3-Pin DDPAK packages.
Typical Application
Part Number
Package
Junction
Temp. Range
TC1262-xxVDB
3-Pin SOT-223
-40°C to +125°C
TC1262-xxVAB
3-Pin TO-220
-40°C to +125°C
TC1262-xxVEB
3-Pin DDPAK
-40°C to +125°C
VIN
VOUT
GND
Front View
Front View
1
1
2
3
3
2
Tab is GND
TC1262
TC1262
TC1262
3-Pin TO-220
Tab is GND
3-Pin SOT-223
3-Pin DDPAK
1
2
3
TC1262
VIN
VOUT
C1
1
µF
GND
VOUT
VIN
+
500mA Fixed Output CMOS LDO


Similar Part No. - TC1262

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
500mA Fixed Output CMOS LDO
2002
TC1262 MICROCHIP-TC1262 Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262 Datasheet
591Kb / 20P
500 mA Fixed Output CMOS LDO
Revision D October 2023
TC1262-2.5VEB MICROCHIP-TC1262-2.5VEB Datasheet
591Kb / 20P
500 mA Fixed Output CMOS LDO
Revision D October 2023
TC1262-2.8VDB MICROCHIP-TC1262-2.8VDB Datasheet
591Kb / 20P
500 mA Fixed Output CMOS LDO
Revision D October 2023
More results

Similar Description - TC1262

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
500mA Fixed Output CMOS LDO
2002
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
500mA Fixed Output CMOS LDO with Shutdown
2002
TC1268 MICROCHIP-TC1268 Datasheet
448Kb / 12P
500mA Fixed Output, Fast Response CMOS LDO with Shutdown
2002
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
500mA Fixed Output CMOS LDO
2002-2012 11/27/12
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
logo
Rohm
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
510Kb / 22P
500mA Variable / Fixed Output LDO Regulators
BD00HA5WEFJ ROHM-BD00HA5WEFJ_13 Datasheet
507Kb / 22P
500mA Variable Fixed Output LDO Regulators
BD00IA5WEFJ ROHM-BD00IA5WEFJ Datasheet
479Kb / 22P
500mA Variable Fixed Output LDO Regulators
logo
Microchip Technology
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
logo
Rohm
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com