Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC4451VMF Datasheet(PDF) 19 Page - Microchip Technology

Part # TC4451VMF
Description  12A High-Speed MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4451VMF Datasheet(HTML) 19 Page - Microchip Technology

Back Button TC4451VMF Datasheet HTML 14Page - Microchip Technology TC4451VMF Datasheet HTML 15Page - Microchip Technology TC4451VMF Datasheet HTML 16Page - Microchip Technology TC4451VMF Datasheet HTML 17Page - Microchip Technology TC4451VMF Datasheet HTML 18Page - Microchip Technology TC4451VMF Datasheet HTML 19Page - Microchip Technology TC4451VMF Datasheet HTML 20Page - Microchip Technology TC4451VMF Datasheet HTML 21Page - Microchip Technology TC4451VMF Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
© 2006 Microchip Technology Inc.
DS21987A-page 19
TC4451/TC4452
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
TC4451: 12A High-Speed MOSFET Driver, Inverting
TC4452: 12A High-Speed MOSFET Driver, Non-Inverting
Temperature Range:
V
= -40°C to +125°C
Package: *
AT
= TO-220, 5-lead
MF
= Dual, Flat, No-Lead (6x5 mm Body), 8-lead
MF713 = Dual, Flat, No-Lead (6x5 mm Body), 8-lead
(Tape and Reel)
PA
= Plastic DIP (300 mil Body), 8-lead
OA
= Plastic SOIC (150 mil Body), 8-lead
OA713 = Plastic SOIC (150 mil Body), 8-lead
(Tape and Reel)
*All package offerings are Pb Free (Lead Free).
PART NO.
X
XX
Package
Temperature
Range
Device
Examples:
a)
TC4451VAT:
12A High-Speed Inverting
MOSFET Driver,
TO-220 package
b)
TC4451VOA:
12A High-Speed Inverting
MOSFET Driver,
SOIC package
c)
TC4451VMF:
12A High-Speed Inverting
MOSFET Driver,
DFN package
a)
TC4452VPA:
12A High-Speed
Non-Inverting MOSFET
Driver, PDIP package
b)
TC4452VOA: 12A High-Speed
Non-Inverting
MOSFET Driver,
SOIC package
c)
TC4452VMF: 12A High-Speed
Non-Inverting MOSFET
Driver, DFN package
XXX
Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com