Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7722 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7722
Description  16-Bit, 195 kSPS CMOS,-ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7722 Datasheet(HTML) 1 Page - Analog Devices

  AD7722 Datasheet HTML 1Page - Analog Devices AD7722 Datasheet HTML 2Page - Analog Devices AD7722 Datasheet HTML 3Page - Analog Devices AD7722 Datasheet HTML 4Page - Analog Devices AD7722 Datasheet HTML 5Page - Analog Devices AD7722 Datasheet HTML 6Page - Analog Devices AD7722 Datasheet HTML 7Page - Analog Devices AD7722 Datasheet HTML 8Page - Analog Devices AD7722 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. B
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD7722
16-Bit, 195 kSPS
CMOS, - ADC
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FUNCTIONAL BLOCK DIAGRAM
AVDD
DVDD
REF1
AGND
DGND
VIN (+)
VIN (–)
P/
S
REF2
XTAL
CLKIN
UNI
DB15
DB14
CAL
RESET
SYNC
CS
DVAL/
RD
CFMT/
DRDY
DB3/
TSI
DB4/
DOE
DB5/
SFMT
DB6/
FSI
DB7/
SCO
DB8/
SDO
16-BIT A/D CONVERTER
-
MODULATOR
FIR
FILTER
CLOCK
CIRCUITRY
CONTROL
LOGIC
DB13
AD7722
2.5V
REFERENCE
DB12
DB11
DB10
DB9/FSO
DB0
DB1
DB2
FEATURES
16-Bit
-
ADC
64
Oversampling Ratio
Up to 220 kSPS Output Word Rate
Low-Pass, Linear Phase Digital Filter
Inherently Monotonic
On-Chip 2.5 V Voltage Reference
Single-Supply 5 V
High Speed Parallel or Serial Interface
GENERAL DESCRIPTION
The AD7722 is a complete low power, 16-bit,
Σ-∆ ADC. The
part operates from a 5 V supply and accepts a differential input
voltage range of 0 V to +2.5 V or
±1.25 V centered around a
common-mode bias. The AD7722 provides 16-bit performance
for input bandwidths up to 90.625 kHz. The part provides data
at an output word rate of 195.3 kHz.
The analog input is continuously sampled by an analog modula-
tor, eliminating the need for external sample-and-hold circuitry.
The modulator output is processed by two finite impulse response
(FIR) digital filters in series. The on-chip filtering reduces the
external antialias requirements to first order, in most cases. The
group delay for the filter is 215.5
µs, while the settling time for
a step input is 431
µs. The sample rate, filter corner frequency,
and output word rate are set by an external clock that is
nominally 12.5 MHz.
Use of a single bit DAC in the modulator guarantees excellent
linearity and dc accuracy. Endpoint accuracy is ensured on-chip
by calibration. This calibration procedure minimizes the zero-
scale and full-scale errors.
Conversion data is provided at the output register through a flex-
ible serial port or a parallel port. This offers 3-wire, high speed
interfacing to digital signal processors. The serial interface operates
in an internal clocking (master) mode, whereby an internal serial
data clock and framing pulse are device outputs. Additionally,
two AD7722s can be configured with the serial data outputs
connected together. Each converter alternately transmits its conver-
sion data on a shared serial data line.
The part provides an accurate on-chip 2.5 V reference. A
reference input/output function is provided to allow either the
internal reference or an external system reference to be used as
the reference source for the part.
The AD7722 is available in a 44-lead MQFP package and is
specified over the industrial temperature range of –40
°C to +85°C.


Similar Part No. - AD7722

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7722 AD-AD7722 Datasheet
526Kb / 24P
16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV.0
AD7722 AD-AD7722 Datasheet
452Kb / 24P
16-Bit, 195 kSPS
REV. B
AD7722AS AD-AD7722AS Datasheet
526Kb / 24P
16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV.0
AD7722AS AD-AD7722AS Datasheet
452Kb / 24P
16-Bit, 195 kSPS CMOS
REV. B
logo
List of Unclassifed Man...
AD7722AS ETC2-AD7722AS Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - AD7722

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7660 AD-AD7660 Datasheet
218Kb / 20P
16-Bit, 100 kSPS CMOS ADC
REV.0
AD7664 AD-AD7664 Datasheet
392Kb / 19P
16-Bit, 570 kSPS CMOS ADC
REV.0
AD7665 AD-AD7665 Datasheet
348Kb / 24P
16-Bit, 570 kSPS CMOS ADC
REV.0
AD7722 AD-AD7722 Datasheet
526Kb / 24P
16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV.0
AD7665ACPZ AD-AD7665ACPZ Datasheet
355Kb / 23P
16-Bit, 570 kSPS CMOS ADC
REV. C
AD7722ASZ AD-AD7722ASZ Datasheet
452Kb / 24P
16-Bit, 195 kSPS CMOS
REV. B
AD7665 AD-AD7665_15 Datasheet
355Kb / 23P
16-Bit, 570 kSPS CMOS ADC
REV. C
AD7722 AD-AD7722_15 Datasheet
452Kb / 24P
16-Bit, 195 kSPS
REV. B
AD7663 AD-AD7663 Datasheet
477Kb / 25P
16-Bit, 250 kSPS CMOS ADC
23-Feb-2017
AD7665 AD-AD7665_17 Datasheet
413Kb / 24P
16-Bit, 570 kSPS CMOS ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com