Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9516-5PCBZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9516-5PCBZ
Description  14-Output Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-5PCBZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9516-5PCBZ Datasheet HTML 12Page - Analog Devices AD9516-5PCBZ Datasheet HTML 13Page - Analog Devices AD9516-5PCBZ Datasheet HTML 14Page - Analog Devices AD9516-5PCBZ Datasheet HTML 15Page - Analog Devices AD9516-5PCBZ Datasheet HTML 16Page - Analog Devices AD9516-5PCBZ Datasheet HTML 17Page - Analog Devices AD9516-5PCBZ Datasheet HTML 18Page - Analog Devices AD9516-5PCBZ Datasheet HTML 19Page - Analog Devices AD9516-5PCBZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
AD9516-5
Rev. A | Page 16 of 76
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VS
REFMON
LD
VCP
CP
STATUS
REF_SEL
SYNC
NC
NC
VS
VS
CLK
CLK
NC
SCLK
OUT6 (OUT6A)
OUT6 (OUT6B)
OUT7 (OUT7A)
OUT7 (OUT7B)
GND
OUT2
OUT2
VS_LVPECL
OUT3
OUT3
VS
GND
OUT9 (OUT9B)
OUT9 (OUT9A)
OUT8 (OUT8B)
OUT8 (OUT8A)
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD9516-5
TOP VIEW
(Not to Scale)
LVPECL LVPECL
LVPECL LVPECL
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. EXPOSED DIE PAD MUST BE CONNECTED TO GND.
Figure 6. Pin Configuration
Table 17. Pin Function Descriptions
Pin No.
Input/
Output
Pin Type
Mnemonic
Description
1, 11, 12, 30,
31, 32, 38,
49, 50, 51,
57, 60, 61
I
Power
VS
3.3 V Power Pins.
2
O
3.3 V CMOS
REFMON
Reference Monitor (Output). This pin has multiple selectable outputs;
see Table 49, Register 0x01B.
3
O
3.3 V CMOS
LD
Lock Detect (Output). This pin has multiple selectable outputs; see Table 49,
Register 0x01A.
4
I
Power
VCP
Power Supply for Charge Pump (CP); VS ≤ VCP ≤ 5.25 V.
5
O
Loop filter
CP
Charge Pump (Output). This pin connects to an external loop filter. This pin can
be left unconnected if the PLL is not used.
6
O
3.3 V CMOS
STATUS
Status (Output). This pin has multiple selectable outputs; see Table 49,
Register 0x017.
7
I
3.3 V CMOS
REF_SEL
Reference Select. Selects REF1 (low) or REF2 (high). This pin has an internal 30 kΩ
pull-down resistor.
8
I
3.3 V CMOS
SYNC
Manual Synchronizations and Manual Holdover. This pin initiates a manual
synchronization and is also used for manual holdover. Active low. This pin has
an internal 30 kΩ pull-up resistor.
9, 10, 15, 18,
19, 20
N/A
NC
NC
No Connection. These pins can be left floating.
Along with CLK, this is the differential input for the clock distribution section.
13
I
Differential
clock input
CLK
14
I
Differential
clock input
CLK
Along with CLK, this is the differential input for the clock distribution section.
If a single-ended input is connected to the CLK pin, connect a 0.1 μF bypass
capacitor from CLK to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com