Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9845BJSTZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9845BJSTZ
Description  Complete 12-Bit 30 MSPS CCD Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9845BJSTZ Datasheet(HTML) 3 Page - Analog Devices

  AD9845BJSTZ Datasheet HTML 1Page - Analog Devices AD9845BJSTZ Datasheet HTML 2Page - Analog Devices AD9845BJSTZ Datasheet HTML 3Page - Analog Devices AD9845BJSTZ Datasheet HTML 4Page - Analog Devices AD9845BJSTZ Datasheet HTML 5Page - Analog Devices AD9845BJSTZ Datasheet HTML 6Page - Analog Devices AD9845BJSTZ Datasheet HTML 7Page - Analog Devices AD9845BJSTZ Datasheet HTML 8Page - Analog Devices AD9845BJSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
REV.
B
–3–
AD9845B
Parameter
Min
Typ
Max
Unit
Notes
POWER CONSUMPTION
153
mW
See TPC 1 for Power Curves
MAXIMUM CLOCK RATE
30
MHz
CDS
Gain
0
dB
Allowable CCD Reset Transient
1
500
mV
Max Input Range before Saturation
1
1.0
V p-p
PxGA Gain at 4 dB
Max CCD Black Pixel Amplitude
1
200
mV
PIXEL GAIN AMPLIFIER (PxGA)
Max Input Range
1.0
V p-p
Max Output Range
1.6
V p-p
Gain Control Resolution
64
Steps
Gain Monotonicity
Guaranteed
Gain Range (Twos Complement Coding)
See Figure 28 for PxGA Gain Curve
Min Gain (PxGA Gain Code 32)
–2.5
dB
Max Gain (PxGA Gain Code 31)
9.5
dB
VARIABLE GAIN AMPLIFIER (VGA)
Max Input Range
1.6
V p-p
Max Output Range
2.0
V p-p
Gain Control Resolution
1024
Steps
Gain Monotonicity
Guaranteed
Gain Range
See Figure 29 for VGA Gain Curve
Low Gain (VGA Gain Code 77)
2
dB
Max Gain (VGA Gain Code 1023)
36
dB
BLACK LEVEL CLAMP
Clamp Level Resolution
256
Steps
Clamp Level
Measured at ADC Output
Min Clamp Level
0
LSB
Max Clamp Level
255
LSB
SYSTEM PERFORMANCE
Specifications Include Entire Signal Chain
Gain Accuracy
2
Gain = (0.0353
Code) + 3.3
Low Gain (VGA Code 77)
5.5
6
6.5
dB
Max Gain (VGA Code 1023)
38.2
39.5
40.2
dB
Peak Nonlinearity, 500 mV Input Signal
0.1
%
12 dB Gain Applied
Total Output Noise
0.5
LSB rms
AC Grounded Input, 6 dB Gain Applied
Power Supply Rejection (PSR)
40
dB
Measured with Step Change on Supply
POWER-UP RECOVERY TIME
Normal Clock Signals Applied
Reference Standby Mode
1
ms
Total Shutdown Mode
3
ms
Power-Off Condition
15
ms
NOTES
1Input signal characteristics defined as follows:
200mV MAX
OPTICAL BLACK PIXEL
500mV TYP
RESET TRANSIENT
1V MAX
INPUT SIGNAL RANGE
2PxGA gain fixed at Code 63 (3.3 dB).
Specifications subject to change without notice.
CCD MODE SPECIFICATIONS (T
MIN to TMAX, AVDD = DVDD = 3.0 V, fDATACLK = fSHP = fSHD = 30 MHz, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com