Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9851FSPCB Datasheet(PDF) 1 Page - Analog Devices

Part # AD9851FSPCB
Description  CMOS 180 MHz DDS/DAC Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9851FSPCB Datasheet(HTML) 1 Page - Analog Devices

  AD9851FSPCB Datasheet HTML 1Page - Analog Devices AD9851FSPCB Datasheet HTML 2Page - Analog Devices AD9851FSPCB Datasheet HTML 3Page - Analog Devices AD9851FSPCB Datasheet HTML 4Page - Analog Devices AD9851FSPCB Datasheet HTML 5Page - Analog Devices AD9851FSPCB Datasheet HTML 6Page - Analog Devices AD9851FSPCB Datasheet HTML 7Page - Analog Devices AD9851FSPCB Datasheet HTML 8Page - Analog Devices AD9851FSPCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
that may result from its use. No license is granted by implication or oth-
erwise under any patent or patent rights of Analog Devices.Trademarks
and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
AD9851
CMOS 180 MHz
DDS/DAC Synthesizer
FEATURES
180 MHz Clock Rate with Selectable 6 Reference Clock
Multiplier
On-Chip High Performance 10-Bit DAC and High Speed
Comparator with Hysteresis
SFDR >43 dB @ 70 MHz AOUT
32-Bit Frequency Tuning Word
Simplified Control Interface: Parallel or Serial
Asynchronous Loading Format
5-Bit Phase Modulation and Offset Capability
Comparator Jitter <80 ps p-p @ 20 MHz
2.7 V to 5.25 V Single-Supply Operation
Low Power: 555 mW @ 180 MHz
Power-Down Function, 4 mW @ 2.7 V
Ultrasmall 28-Lead SSOP Packaging
APPLICATIONS
Frequency/Phase-Agile Sine Wave Synthesis
Clock Recovery and Locking Circuitry for Digital
Communications
Digitally Controlled ADC Encode Generator
Agile Local Oscillator Applications in Communications
Quadrature Oscillator
CW, AM, FM, FSK, MSK Mode Transmitter
FUNCTIONAL BLOCK DIAGRAM
32-BIT
TUNING
WORD
PHASE
AND
CONTROL
WORDS
FREQUENCY/PHASE
DATA REGISTER
DATA INPUT REGISTER
10-BIT
DAC
DAC RSET
ANALOG
OUT
ANALOG
IN
CLOCK OUT
CLOCK OUT
HIGH SPEED
DDS
FREQUENCY
UPDATE/DATA
REGISTER
RESET
WORD LOAD
CLOCK
MASTER
RESET
REF
CLOCK IN
6 REFCLK
MULTIPLIER
COMPARATOR
SERIAL
LOAD
1 BIT 
40 LOADS
PARALLEL
LOAD
8 BITS 
5 LOADS
FREQUENCY, PHASE
AND CONTROL DATA INPUT
AD9851
+VS
GND
GENERAL DESCRIPTION
The AD9851 is a highly integrated device that uses advanced
DDS technology, coupled with an internal high speed, high
performance D/A converter, and comparator, to form a digitally
programmable frequency synthesizer and clock generator func-
tion. When referenced to an accurate clock source, the AD9851
generates a stable frequency and phase-programmable digitized
analog output sine wave. This sine wave can be used directly as
a frequency source, or internally converted to a square wave for
agile-clock generator applications. The AD9851’s innovative
high speed DDS core accepts a 32-bit frequency tuning word,
which results in an output tuning resolution of approximately
0.04 Hz with a 180 MHz system clock. The AD9851 contains
a unique 6 REFCLK Multiplier circuit that eliminates the
need for a high speed reference oscillator. The 6 REFCLK
Multiplier has minimal impact on SFDR and phase noise char-
acteristics. The AD9851 provides five bits of programmable
phase modulation resolution to enable phase shifting of its
output in increments of 11.25°.
The AD9851 contains an internal high speed comparator that
can be configured to accept the (externally) filtered output of the
DAC to generate a low jitter output pulse.
The frequency tuning, control, and phase modulation words are
asynchronously loaded into the AD9851 via a parallel or serial
loading format. The parallel load format consists of five iterative
loads of an 8-bit control word (byte). The first 8-bit byte controls
output phase, 6 REFCLK Multiplier, power-down enable and
loading format; the remaining bytes comprise the 32-bit frequency
tuning word. Serial loading is accomplished via a 40-bit serial data
stream entering through one of the parallel input bus lines. The
AD9851 uses advanced CMOS technology to provide this break-
through level of functionality on just 555 mW of power dissipation
(5 V supply), at the maximum clock rate of 180 MHz.
The AD9851 is available in a space-saving 28-lead SSOP,
surface-mount package that is pin-for-pin compatible with the
popular AD9850 125 MHz DDS. It is specified to operate over
the extended industrial temperature range of –40°C to +85°C
at >3.0 V supply voltage. Below 3.0 V, the specifications apply
over the commercial temperature range of 0°C to 85°C.
REV. D


Similar Part No. - AD9851FSPCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9851FSPCB AD-AD9851FSPCB Datasheet
719Kb / 24P
CMOS 180 MHz DDS/DAC Synthesizer
REV. D
More results

Similar Description - AD9851FSPCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9835 AD-AD9835 Datasheet
160Kb / 16P
50 MHz CMOS Complete DDS
REV.0
AD9850 AD-AD9850 Datasheet
378Kb / 19P
CMOS, 125 MHz Complete DDS Synthesizer
REV.E
AD9851 AD-AD9851 Datasheet
254Kb / 23P
CMOS 180 MHz DDS/DAC Synthesizer
REV.C
AD9852 AD-AD9852 Datasheet
424Kb / 42P
CMOS 300 MHz Complete-DDS
REV.0
AD9851BRSZ AD-AD9851BRSZ Datasheet
749Kb / 24P
CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850BRSZ AD-AD9850BRSZ Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9851BRSZRL AD-AD9851BRSZRL Datasheet
719Kb / 24P
CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9850 AD-AD9850_15 Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9851 AD-AD9851_15 Datasheet
749Kb / 24P
CMOS 180 MHz DDS/DAC Synthesizer
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com