Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9874ABST Datasheet(PDF) 17 Page - Analog Devices

Part # AD9874ABST
Description  IF Digitizing Subsystem
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874ABST Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9874ABST Datasheet HTML 13Page - Analog Devices AD9874ABST Datasheet HTML 14Page - Analog Devices AD9874ABST Datasheet HTML 15Page - Analog Devices AD9874ABST Datasheet HTML 16Page - Analog Devices AD9874ABST Datasheet HTML 17Page - Analog Devices AD9874ABST Datasheet HTML 18Page - Analog Devices AD9874ABST Datasheet HTML 19Page - Analog Devices AD9874ABST Datasheet HTML 20Page - Analog Devices AD9874ABST Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
REV. A
AD9874
–17–
Table IV.
Number of Bits per Frame for Different SSICR Settings
Number of Bits
DW
EAGC
EFS
AAGC
per Frame
0 (16-bit)
0
0
NA
32
01
NA
49
*
10
0
48
10
1
40
11
0
69
*
11
1
59
*
1 (24-bit)
0
0
NA
48
01
NA
69
*
10
0
64
10
1
56
11
0
89
*
11
1
79
*
*The number of bits per frame with embedded frame sync (EFS = 1) assume at
least 10 idle bits are desired.
The maximum SSIORD setting can be determined by the equation
SSIORD
TRUNC Dec Factor
of Bits per Frame
≤
{(
.
) /
(#
)}
(1)
where TRUNC is the truncated integer value.
Table IV lists the number of bits within a frame for 16-bit and
24-bit output data formats for all of the different SSICR set-
tings. The decimation factor is determined by the contents of
Register 0x07.
An example helps illustrate how the maximum SSIORD setting
is determined. Suppose a user selects a decimation factor of 600
(Register 0x07, K = 0, M = 9) and prefers a 3-wire interface
with a dedicated frame sync (EFS = 0) containing 24-bit data
(DW = 1) with nonalternating embedded AGC data included
(EAGC = 1, AAGC = 0). Referring to Table IV, each frame
will consist of 64 data bits. Using Equation 1, the maximum
SSIORD setting is 9 (= TRUNC(600/64)). Thus, the user
can select any SSIORD setting between 1 and 9.
Figure 3a illustrates the output timing of the SSI port for several
SSI control register settings with 16-bit I/Q data, while Figure 3b
shows the associated timing parameters. Note that the same timing
relationship holds for 24-bit I/Q data, with the exception that I
and Q word lengths now become 24 bits. In the default mode of
the operation, data is shifted out on rising edges of CLKOUT
after a pulse equal to a clock period is output from the Frame
Sync (FS) pin. As described above, the output data consists of a
16- or 24-bit I sample followed by a 16- or 24-bit Q sample,
plus two optional bytes containing AGC and status information.
FS
DOUT
I15
I14
CLKOUT
tV
tCLK
tHI
tLOW
t
DV
Figure 3b. Timing Parameters for SSI Timing*
*Timing parameters also apply to inverted CLKOUT or FS modes, with t DV
relative to the falling edge of the CLK and/or FS.
FS
DOUT
CLKOUT
SCKI = 0, SCKT = 0, SLFS = 0, SFSI = 0, EFS = 0, SFST = 0, EAGC = 0
I15
I0
Q15
Q14
Q0
CLKOUT
FS
DOUT
SCKI = 0, SCKT = 0, SLFS = 0, SFSI = 0, EFS = 0, SFST = 0, EAGC = 1, AAGC = 0
I15
I0
Q15
Q14
Q0
RSSI0
ATTEN6
ATTN7
CLKOUT
FS
DOUT
SCKI = 0, SCKT = 0, SLFS = 1, SFSI = 0, EFS = 0, SFST = 0, EAGC = 0
I15
I0
Q15
Q14
Q0
CLKOUT
FS
DOUT
SCKI = 0, SCKT = 0, SLFS = X, SFSI = X, EFS = 1, SFST = 1, EAGC = 0
SCKI = 0, SCKT = 0, SLFS = X, SFSI = X, EFS = 1, SFST = 0, EAGC = 0: AS ABOVE, BUT FS IS LOW
IDLE (HIGH) BITS
START
BIT
START
BIT
STOP
BIT
STOP
BIT
START
BIT
HI-Z
I15
I8
I7
I0
Q15
Figure 3a. SSI Timing for Several SSICRA Settings with 16-Bit I/Q Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com