Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29DL800BB70FC Datasheet(PDF) 37 Page - Advanced Micro Devices

Part # AM29DL800BB70FC
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL800BB70FC Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button AM29DL800BB70FC Datasheet HTML 33Page - Advanced Micro Devices AM29DL800BB70FC Datasheet HTML 34Page - Advanced Micro Devices AM29DL800BB70FC Datasheet HTML 35Page - Advanced Micro Devices AM29DL800BB70FC Datasheet HTML 36Page - Advanced Micro Devices AM29DL800BB70FC Datasheet HTML 37Page - Advanced Micro Devices AM29DL800BB70FC Datasheet HTML 38Page - Advanced Micro Devices AM29DL800BB70FC Datasheet HTML 39Page - Advanced Micro Devices AM29DL800BB70FC Datasheet HTML 40Page - Advanced Micro Devices AM29DL800BB70FC Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
Am29DL800B
37
P R E L I M I NARY
AC CHARACTERISTICS
Alternate CE# Controlled Erase/Program Operations
Notes:
1. Not 100% tested.
2. See the “Erase and Programming Performance” section for more information.
Parameter
70
90
120
JEDEC
Std.
Description
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min
70
90
120
ns
tAVWL
tAS
Address Setup Time
Min
0
ns
tELAX
tAH
Address Hold Time
Min
45
45
50
ns
tDVEH
tDS
Data Setup Time
Min
35
45
50
ns
tEHDX
tDH
Data Hold Time
Min
0
ns
tGHEL
tGHEL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
tWLEL
tWS
WE# Setup Time
Min
0
ns
tEHWH
tWH
WE# Hold Time
Min
0
ns
tELEH
tCP
CE# Pulse Width
Min
35
35
50
ns
tEHEL
tCPH
CE# Pulse Width High
Min
30
ns
tWHWH1
tWHWH1
Programming Operation
(Note 2)
Byte
Typ
9
µs
Word
Typ
11
tWHWH2
tWHWH2 Sector Erase Operation (Note 2)
Typ
0.7
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com