Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADG1209 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG1209
Description  Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1209 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG1209 Datasheet HTML 7Page - Analog Devices ADG1209 Datasheet HTML 8Page - Analog Devices ADG1209 Datasheet HTML 9Page - Analog Devices ADG1209 Datasheet HTML 10Page - Analog Devices ADG1209 Datasheet HTML 11Page - Analog Devices ADG1209 Datasheet HTML 12Page - Analog Devices ADG1209 Datasheet HTML 13Page - Analog Devices ADG1209 Datasheet HTML 14Page - Analog Devices ADG1209 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADG1208/ADG1209
Rev. B | Page 11 of 20
150
–150
0
10
2030
4050607080
90 100 110 120
TEMPERATURE (°C)
100
50
0
–50
–100
IS (OFF) + –
ID (OFF) + –
IS (OFF) – +
ID (OFF) – +
ID, S (ON) – –
ID, S (ON) + +
VDD = 12V
VSS = 0V
VBIAS = 1V/10V
Figure 13. ADG1208 Leakage Currents as a Function of Temperature,
Single Supply
LOGIC, INX (V)
200
60
80
100
120
140
160
180
40
20
0
0
2
4
6
8
101214
16
VDD = +12V
VSS =0V
VDD =+15V
VSS = –15V
IDD PER CHANNEL
TA =25°C
Figure 14. IDD vs. Logic Level
VS (V)
1.0
0
–15
15
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
–10
–5
0
5
10
MUX (SOURCE TO DRAIN)
TA = 25°C
VDD = +15V
VSS = –15V
VDD =+5V
VSS =–5V
VDD = +12V
VSS =0V
Figure 15. Source-to-Drain Charge Injection vs. Source Voltage
VS (V)
6
–6
–15
15
–10
–5
0
5
10
DEMUX (DRAIN TO SOURCE)
TA = 25°C
4
2
0
–2
–4
VDD = +15V
VSS =–15V
VDD =+5V
VSS = –5V
VDD =+12V
VSS =0V
Figure 16. Drain-to-Source Charge Injection vs. Source Voltage
350
0
–40
TEMPERATURE (°C)
300
250
200
150
100
50
–20
0
20
40
60
80
100
120
VDD =+5V
VSS =–5V
VDD =+12V
VSS =0V
VDD =+15V
VSS = –15V
Figure 17. tON/tOFF Times vs. Temperature
FREQUENCY (Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
10k
100k
1M
10M
100M
1G
VDD = +15V
VSS = –15V
TA =25°C
Figure 18. Off Isolation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com