Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29F016B-70F4IB Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # AM29F016B-70F4IB
Description  16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016B-70F4IB Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button AM29F016B-70F4IB Datasheet HTML 30Page - Advanced Micro Devices AM29F016B-70F4IB Datasheet HTML 31Page - Advanced Micro Devices AM29F016B-70F4IB Datasheet HTML 32Page - Advanced Micro Devices AM29F016B-70F4IB Datasheet HTML 33Page - Advanced Micro Devices AM29F016B-70F4IB Datasheet HTML 34Page - Advanced Micro Devices AM29F016B-70F4IB Datasheet HTML 35Page - Advanced Micro Devices AM29F016B-70F4IB Datasheet HTML 36Page - Advanced Micro Devices AM29F016B-70F4IB Datasheet HTML 37Page - Advanced Micro Devices AM29F016B-70F4IB Datasheet HTML 38Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 38 page
background image
38
Am29F016B
P R E L I M I NARY
REVISION SUMMARY FOR AM29F016B
Revision B
Global
Made formatting and layout consistent with other data
sheets. Used updated common tables and diagrams.
Revision B+1
AC Characteristics—Read-only Operations
Deleted note referring to output driver disable time.
Figure 16—Temporary Sector Group Unprotect
Timings
Corrected title to indicate “sector group.”
Revision B+2
Global
Added -70 speed option, deleted -75 speed option.
Distinctive Characteristics
Changed minimum 100K write/erase cycles guaran-
teed to 1,000,000.
Ordering Information
Added extended temperature availability to -90, -120,
and -150 speed options.
Operating Ranges
Added extended temperature range.
DC Characteristics, CMOS Compatible
Corrected the CE# and RESET# test conditions for
ICC3 and ICC4 to VCC ±0.5 V.
AC Characteristics
Erase/Program Operations; Erase and Program Oper-
ations Alternate CE# Controlled Writes: Corrected the
notes reference for tWHWH1 and tWHWH2. These param-
eters are 100% tested. Corrected the note reference for
tVCS. This parameter is not 100% tested.
Temporary Sector Unprotect Table
Added note reference for tVIDR. This parameter is not
100% tested.
Erase and Programming Performance
Changed minimum 100K program and erase cycles
guaranteed to 1,000,000.
Trademarks
Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com