Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29LV116B Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM29LV116B
Description  16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV116B Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM29LV116B Datasheet HTML 1Page - Advanced Micro Devices AM29LV116B Datasheet HTML 2Page - Advanced Micro Devices AM29LV116B Datasheet HTML 3Page - Advanced Micro Devices AM29LV116B Datasheet HTML 4Page - Advanced Micro Devices AM29LV116B Datasheet HTML 5Page - Advanced Micro Devices AM29LV116B Datasheet HTML 6Page - Advanced Micro Devices AM29LV116B Datasheet HTML 7Page - Advanced Micro Devices AM29LV116B Datasheet HTML 8Page - Advanced Micro Devices AM29LV116B Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
PRELIMINARY
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice.
Publication# 21359
Rev: C Amendment/+2
Issue Date: March 1998
Am29LV116B
16 Megabit (2 M x 8-Bit)
CMOS 3.0 Volt-only Boot Sector Flash Memory
DISTINCTIVE CHARACTERISTICS
s Single power supply operation
— Full voltage range: 2.7 to 3.6 volt read and write
operations for battery-powered applications
— Regulated voltage range: 3.0 to 3.6 volt read
and write operations and for compatibility with
high performance 3.3 volt microprocessors
s Manufactured on 0.35 µm process technology
s High performance
— Full voltage range: access times as fast as 90 ns
— Regulated voltage range: access times as fast
as 80 ns
s Ultra low power consumption (typical values at
5 MHz)
— 200 nA Automatic Sleep mode current
— 200 nA standby mode current
— 9 mA read current
— 15 mA program/erase current
s Flexible sector architecture
— One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and
thirty-one 64 Kbyte sectors
— Supports full chip erase
— Sector Protection features:
A hardware method of locking a sector to
prevent any program or erase operations within
that sector
Sectors can be locked in-system or via
programming equipment
Temporary Sector Unprotect feature allows code
changes in previously locked sectors
s Unlock Bypass Program Command
— Reduces overall programming time when
issuing multiple program command sequences
s Top or bottom boot block configurations
available
s Embedded Algorithms
— Embedded Erase algorithm automatically
preprograms and erases the entire chip or any
combination of designated sectors
— Embedded Program algorithm automatically
writes and verifies data at specified addresses
s Minimum 1,000,000 write cycle guarantee per
sector
s Package option
— 40-pin TSOP
s CFI (Common Flash Interface) compliant
— Provides device-specific information to the
system, allowing host software to easily
reconfigure for different Flash devices
s Compatibility with JEDEC standards
— Pinout and software compatible with single-
power supply Flash
— Superior inadvertent write protection
s Data# Polling and toggle bits
— Provides a software method of detecting
program or erase operation completion
s Ready/Busy# pin (RY/BY#)
— Provides a hardware method of detecting
program or erase cycle completion
s Erase Suspend/Erase Resume
— Suspends an erase operation to read data from,
or program data to, a sector that is not being
erased, then resumes the erase operation
s Hardware reset pin (RESET#)
— Hardware method to reset the device to reading
array data


Similar Part No. - AM29LV116B

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV116D AMD-AM29LV116D Datasheet
755Kb / 43P
16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV116DB-120 AMD-AM29LV116DB-120 Datasheet
863Kb / 44P
16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV116DB-120EC AMD-AM29LV116DB-120EC Datasheet
863Kb / 44P
16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV116DB-120EC AMD-AM29LV116DB-120EC Datasheet
755Kb / 43P
16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV116DB-120ED AMD-AM29LV116DB-120ED Datasheet
755Kb / 43P
16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29LV116B

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV160B-1 AMD-AM29LV160B-1 Datasheet
695Kb / 48P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160D AMD-AM29LV160D Datasheet
1Mb / 49P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LVI16D AMD-AM29LVI16D Datasheet
863Kb / 44P
16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B AMD-AM29LV160B_05 Datasheet
1Mb / 54P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV116D AMD-AM29LV116D_06 Datasheet
755Kb / 43P
16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160D AMD-AM29LV160D_06 Datasheet
1Mb / 52P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160F EXCELSEMI-ES29LV160F Datasheet
1Mb / 71P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016J SPANSION-S29AL016J Datasheet
1Mb / 58P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70BFI010 SPANSION-S29AL016J70BFI010 Datasheet
1Mb / 58P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com