Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP3308ART-2.7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3308ART-2.7
Description  anyCAP 50 mA Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3308ART-2.7 Datasheet(HTML) 2 Page - Analog Devices

  ADP3308ART-2.7 Datasheet HTML 1Page - Analog Devices ADP3308ART-2.7 Datasheet HTML 2Page - Analog Devices ADP3308ART-2.7 Datasheet HTML 3Page - Analog Devices ADP3308ART-2.7 Datasheet HTML 4Page - Analog Devices ADP3308ART-2.7 Datasheet HTML 5Page - Analog Devices ADP3308ART-2.7 Datasheet HTML 6Page - Analog Devices ADP3308ART-2.7 Datasheet HTML 7Page - Analog Devices ADP3308ART-2.7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
–2–
REV. B
ADP3308-xx–SPECIFICATIONS
(@ TA = –20 C to +85 C, VIN = 7 V, CIN = 0.47 F, COUT = 0.47 F, unless
otherwise noted.)
1 The following specifications apply to all voltage options.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT VOLTAGE ACCURACY
VOUT
VIN = VOUTNOM + 0.3 V to 12 V
IL = 0.1 mA to 50 mA
TA = 25
°C
–1.2
+1.2
%
VIN = VOUTNOM + 0.3 V to 12 V
IL = 0.1 mA to 50 mA
–2.2
+2.2
%
LINE REGULATION
VIN = VOUTNOM + 0.3 V to 12 V
TA = 25
°C
0.02
mV/V
LOAD REGULATION
IL = 0.1 mA to 50 mA
TA = 25
°C
0.06
mV/mA
GROUND CURRENT
IGND
IL = 50 mA
0.54
1.4
mA
IL = 0.1 mA
0.19
0.3
mA
GROUND CURRENT IN DROPOUT
IGND
VIN = 2.4 V
IL = 0.1 mA
0.9
1.7
mA
DROPOUT VOLTAGE
VDROP
VOUT = 98% of VOUTNOM
IL = 50 mA
0.08
0.17
V
IL = 10 mA
0.025
0.07
V
IL = 1 mA
0.004
0.030
V
SHUTDOWN THRESHOLD
VTHSD
ON
2.0
0.75
V
OFF
0.75
0.3
V
SHUTDOWN PIN INPUT CURRENT
ISDIN
0 < VSD
≤ 5 V
1
µA
5 < VSD
≤ 12 V @ VIN = 12 V
9
µA
GROUND CURRENT IN SHUTDOWN
IQ
VSD = 0 V, VIN = 12 V
MODE
TA = 25
°C
0.005
1
µA
VSD = 0 V, VIN = 12 V
TA = 85
°C
0.01
3
µA
OUTPUT CURRENT IN SHUTDOWN
IOSD
TA = 25
°C @ VIN = 12 V
2
µA
MODE
TA = 85
°C @ VIN = 12 V
4
µA
ERROR PIN OUTPUT LEAKAGE
IEL
13
µA
ERROR PIN OUTPUT
“LOW” VOLTAGE
VEOL
ISINK = 400
µA
0.12
0.3
V
PEAK LOAD CURRENT
ILDPK
VIN = VOUTNOM + 1 V, TA = 25
°C
150
mA
OUTPUT NOISE @ 5 V OUTPUT
VNOISE
f = 10 Hz–100 kHz
100
µV rms
NOTES
1Ambient temperature of 85
°C corresponds to a junction temperature of 125°C under typical full load test conditions.
Specifications subject to change without notice.
∆V
O
∆V
IN
∆V
O
∆ I
L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com