Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV7614BBCZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADV7614BBCZ
Description  12-Bit Deep Color with Quad HDMI Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7614BBCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADV7614BBCZ Datasheet HTML 4Page - Analog Devices ADV7614BBCZ Datasheet HTML 5Page - Analog Devices ADV7614BBCZ Datasheet HTML 6Page - Analog Devices ADV7614BBCZ Datasheet HTML 7Page - Analog Devices ADV7614BBCZ Datasheet HTML 8Page - Analog Devices ADV7614BBCZ Datasheet HTML 9Page - Analog Devices ADV7614BBCZ Datasheet HTML 10Page - Analog Devices ADV7614BBCZ Datasheet HTML 11Page - Analog Devices ADV7614BBCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADV7614
Data Sheet
Rev. C | Page 8 of 20
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
DVDD to GND
2.2 V
PVDD to GND
2.2 V
DVDDIO to GND
4.0 V
CVDD to GND
2.2 V
TVDD to GND
4.0 V
Digital Inputs Voltage to GND
GND − 0.3 V to
DVDDIO + 0.3 V
5 V Tolerant Digital Inputs to GND1
5.3 V
Digital Output Voltage to GND
GND − 0.3 V to
DVDDIO + 0.3 V
XTAL Pins
−0.3 V to PVDD
to 0.3 V
Maximum Junction Temperature (TJ MAX)
125°C
Storage Temperature
150°C
Infrared Reflow Soldering (20 sec)
260°C
1
The following inputs are 3.3 V inputs but are 5 V tolerant: DDCA_SCL,
DDCA_SDA, DDCB_SCL, DDCB_SDA, DDCC_SCL, DDCC_SDA, DDCD_SCL,
DDCD_SDA, RXA_5V, RXB_5V, RXC_5V, RXD_5V, SHARED_EDID, PWRDN,
EP_MISO.
Stresses abovethoselisted under AbsoluteMaximumRatings
may cause permanent damageto the device. This is a stress
rating only; functional operation of the device at these orany
other conditions above thoseindicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
PACKAGE THERMAL PERFORMANCE
To reduce powerconsumption when using the ADV7614, the
user is advised to turn off unused sections of the part.
Due to printed circuit board (PCB)metal variation and, thus,
variation in PCB heat conductivity, the value of θJA may differ
for various PCBs.
The most efficient measurement solution is obtainedusing the
package surface temperatureto estimatethe die temperature
becausethis eliminatesthevarianceassociated with theθJA value.
The maximum junction temperature (TJ MAX)of 125°C must not
be exceeded. The following equation calculatesthe junction
temperature using the measuredpackage surface temperature
and applies only when no heat sinkis used on the device under
test (DUT):
TJ = TS + (ΨJT × WTOTAL)
where:
TS is the package surface temperature(°C).
ΨJT = 0.3°C/W for a 260-ball CSP_BGA.
WTOTAL = ((PVDD × IPVDD)+ (0.05 ×TVDD × ITVDD)+ (CVDD ×
ICVDD) + (DVDD × IDVDD) + (DVDDIO × IDVDDIO)).
Note that for WTOTAL, 5% of TVDD power is dissipated on the
part itself.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com