Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C32A Datasheet(PDF) 54 Page - Advanced Micro Devices

Part # AM79C32A
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32A Datasheet(HTML) 54 Page - Advanced Micro Devices

Back Button AM79C32A Datasheet HTML 50Page - Advanced Micro Devices AM79C32A Datasheet HTML 51Page - Advanced Micro Devices AM79C32A Datasheet HTML 52Page - Advanced Micro Devices AM79C32A Datasheet HTML 53Page - Advanced Micro Devices AM79C32A Datasheet HTML 54Page - Advanced Micro Devices AM79C32A Datasheet HTML 55Page - Advanced Micro Devices AM79C32A Datasheet HTML 56Page - Advanced Micro Devices AM79C32A Datasheet HTML 57Page - Advanced Micro Devices AM79C32A Datasheet HTML 58Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 101 page
background image
54
Am79C30A/32A Data Sheet
Intelligent NT
Either Slave mode can be used to implement the Intel-
ligent NT configuration. The diagram below depicts this
configuration using DSC Slave mode with bus reversal
disabled.
The U-transceiver operates as the IOM-2 master de-
vice, programmed to TE mode and outputting at
1536-kHz DCL. The DSC indicates a D-channel re-
quest according to the TIC bus procedure using the
BAC bit on the DU line (BAC=0). The S-transceiver sur-
veys the received D channel and if it is idle, enables the
DSC to send its D-channel frame to the U-transceiver
on DU by driving S/G low on DD. The S-transceiver
also sets its transmitted E-channel bits on the S-Inter-
face to zero (inversion of received D bits) to prevent all
connected TEs from transmitting data into the D-chan-
nel. When the DSC completes its D-channel transmis-
sion, it releases the TIC bus by setting BAC=1. The
S-transceiver then mirrors the incoming D bits into the
E-channel, thus behaving as a normal NT with trans-
parent D-channel handling.
DSC
SBOUT
SBIN
D-channel
E-channel
DD
DU
B1, B2, D, MON0, C/I0,
upstream
downstream
Figure 11.
IOM-2 Intelligent Configuration
DOUT/DD
DIN/DU
U-transceiver
Master
IC1, IC2, MON1, C/I1, S/G(in), TIC(out)
S-transceiver
LT-S
S Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com