Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C90 Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM79C90
Description  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90 Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM79C90 Datasheet HTML 11Page - Advanced Micro Devices AM79C90 Datasheet HTML 12Page - Advanced Micro Devices AM79C90 Datasheet HTML 13Page - Advanced Micro Devices AM79C90 Datasheet HTML 14Page - Advanced Micro Devices AM79C90 Datasheet HTML 15Page - Advanced Micro Devices AM79C90 Datasheet HTML 16Page - Advanced Micro Devices AM79C90 Datasheet HTML 17Page - Advanced Micro Devices AM79C90 Datasheet HTML 18Page - Advanced Micro Devices AM79C90 Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 62 page
background image
P R E L I M I N A R Y
AMD
15
Am79C90
DAL0–DAL15
DAS
READ
READY
(Output from
C-LANCE)
HOLD
CS
ADR
17881B-10
Write Data
O.D.
Figure 4. Bus Slave Write Timing
Read Sequence (Master Mode)
A read cycle is begun by placing a valid address on
DAL00 – DAL15 and A16 – A23. The BYTE MASK sig-
nals are asserted to indicate a word, upper byte or lower
byte memory reference. READ indicates the type of cy-
cle. ALE or
AS is pulsed, and the trailing edge of either
can be used to latch addresses. DAL00 – DAL15 go into
a 3-state mode, and
DAS falls LOW to signal the begin-
ning of the memory access. The memory responds by
placing
READY LOW to indicate that the DAL lines have
valid data. The C-LANCE then latches memory data on
the rising edge of
DAS, which in turn ends the memory
cycle and
READY returns HIGH. Refer to Figure 5-1.
The bus transceiver controls,
DALI and DALO, are used
to control the bus transceivers.
DALI directs data toward
the C-LANCE, and
DALO directs data or addresses
away from the C-LANCE. During a read cycle,
DALO
goes inactive before
DALI becomes active to avoid
“spiking” of the bus transceivers.
Write Sequence (Master Mode)
The write cycle is similar to the read cycle except that the
DAL00 – DAL15 lines change from containing ad-
dresses to data after either ALE or
AS goes inactive.
After data is valid on the bus,
DAS goes active. Data to
memory is held valid after
DAS goes inactive. Refer to
Figure 5-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com