Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C976KCW Datasheet(PDF) 196 Page - Advanced Micro Devices

Part # AM79C976KCW
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976KCW Datasheet(HTML) 196 Page - Advanced Micro Devices

Back Button AM79C976KCW Datasheet HTML 192Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 193Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 194Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 195Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 196Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 197Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 198Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 199Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 200Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 309 page
background image
196
Am79C976
8/01/00
P R E L I M INARY
Read/Write accessible. RPA is
cleared
by
H_RESET
or
S_RESET and is not affected by
STOP.
2-0
RES
Reserved locations. Written as
zeros and read as undefined.
&65 0$&(QKDQFHG&RQILJXUDWLRQ &RQWURO
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-8
IPG
Inter Packet Gap. This value indi-
cates the minimum number of
network bit times after the end of
a frame that the transmitter will
wait before it starts transmitting
another frame.
In half-duplex
mode the end of the frame is de-
termined by CRS, while in full-du-
plex mode the end of the frame is
determined by TX_EN. The IPG
value can be adjusted to com-
pensate for delays through the
external PHY device.
IPG should be programmed to
the nearest nibble. The two least
significant bits are ignored. For
example, programming IPG to
63h has the same effect as pro-
gramming it to 60h.
CAUTION: Use this parameter
with care. By lowering the IPG
below the IEEE 802.3 standard
96 bit times, the Am79C976 con-
troller can interrupt normal net-
work behavior.
Read/Write accessible. IPG is set
to
60h
(96
Bit
times)
by
H_RESET or S_RESET and is
not affected by STOP.
7-0
IFS1
InterFrameSpacingPart1.
Changing IFS1 allows the user to
program the value of the Inter-
Frame-SpacePart1 timing. The
Am79C976 controller sets the de-
fault value at 60 bit times (3ch).
See the subsection on Medium
Allocation in the section Media
Access Management for more
details. The equation for setting
IFS1 when IPG
˜ 96 bit times is:
IFS1 = IPG - 36 bit times
IPG should be programmed to
the nearest nibble. The two least
significant bits are ignored. For
example, programming IPG to
63h has the same effect as pro-
gramming it to 60h.
Read/Write accessible. IFS1 is
set to 3ch (60 bit times) by
H_RESET or S_RESET and is
not affected by STOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com