Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C976KCW Datasheet(PDF) 199 Page - Advanced Micro Devices

Part # AM79C976KCW
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976KCW Datasheet(HTML) 199 Page - Advanced Micro Devices

Back Button AM79C976KCW Datasheet HTML 195Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 196Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 197Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 198Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 199Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 200Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 201Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 202Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 203Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 309 page
background image
8/01/00
Am79C976
199
P R E L I M INARY
%&50LVFHOODQHRXV &RQILJXUDWLRQ
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-13
RES
Reserved locations. Written and
read as zeros.
12
LEDPE
LED
Program
Enable.
When
LEDPE is set to 1, programming
of
the
LED0
(BCR4),
LED1
(BCR5),
LED2
(BCR6),
and
LED3 (BCR7) registers is en-
abled. When LEDPE is cleared to
0, programming of LED0 (BCR4),
LED1 (BCR5), LED2 (BCR6),
and LED3 (BCR7) registers is
disabled. Writes to those regis-
ters will be ignored.
Read/Write accessible. LEDPE is
cleared to 0 by H_RESET and is
unaffected by S_RESET or by
setting the STOP bit.
11-9
RES
Reserved locations. Written and
read as zeros.
8
APROMWE Address PROM Write Enable.
The Am79C976 controller con-
tains a shadow RAM on board for
storage of the first 16 bytes load-
ed from the serial EEPROM.
Accesses to Address PROM I/O
Resources will be directed to-
ward this RAM. When APROM-
WE is set to 1, then write access
to the shadow RAM will be en-
abled.
Read/Write accessible. APROM-
WE is cleared to 0 by H_RESET
and is unaffected by S_RESET or
by setting the STOP bit.
7
INTLEVEL
Interrupt Level. This bit allows the
interrupt output signals to be pro-
grammed
for
level
or
edge-
sensitive applications.
When INTLEVEL is cleared to 0,
the INTA pin is configured for
level-sensitive
applications.
In
this mode, an interrupt request is
signaled by a low level driven on
the INTA pin by the Am79C976
controller. When the interrupt is
cleared, the INTA pin is tri-stated
by the Am79C976 controller and
allowed to be pulled to a high lev-
el by an external pull-up device.
This
mode
is
intended
for
systems which allow the interrupt
signal to be shared by multiple
devices.
When INTLEVEL is set to 1, the
INTA pin is configured for edge-
sensitive
applications.
In
this
mode, an interrupt request is sig-
naled by a high level driven on
the INTA pin by the Am79C976
controller. When the interrupt is
cleared, the INTA pin is driven to
a low level by the Am79C976
controller. This mode is intended
for systems that do not allow
interrupt channels to be shared
by multiple devices.
INTLEVEL should not be set to 1
when the Am79C976 controller is
used in a PCI bus application.
Read/Write accessible. INTLEV-
EL is cleared to 0 by H_RESET
and is unaffected by S_RESET or
by setting the STOP bit.
6-4
RES
Reserved locations. Written as
zeros and read as undefined.
3
EADISEL
Obsolete function. Writing has no
effect. Read as undefined.
2
RES
Reserved location. Written and
read as zeros.
1
ASEL
Obsolete function. Writing has no
effect. Read as undefined.
0
RES
Reserved location. Written and
read as zeros.
%&5 /(' 6WDWXV
BCR4 controls the function(s) that the LED0 pin dis-
plays. Multiple functions can be simultaneously en-
abled on this LED pin. The LED display will indicate the
logical OR of the enabled functions. BCR4 defaults to
Link Status (LNKST) with pulse stretcher enabled
(PSE = 1) and is fully programmable.
Note: When LEDPE (BCR2, bit 12) is set to 1, pro-
gramming of the LED0 Status register is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com