Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C976KCW Datasheet(PDF) 201 Page - Advanced Micro Devices

Part # AM79C976KCW
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976KCW Datasheet(HTML) 201 Page - Advanced Micro Devices

Back Button AM79C976KCW Datasheet HTML 197Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 198Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 199Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 200Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 201Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 202Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 203Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 204Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 205Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 309 page
background image
8/01/00
Am79C976
201
P R E L I M INARY
Read/Write accessible. FDLSE is
cleared by H_RESET and is not
affected by S_RESET or setting
the STOP bit.
7
PSE
Pulse Stretcher Enable. When
this bit is set, the LED illumination
time is extended for each new oc-
currence of the enabled function
for this LED output. A value of 0
disables the pulse stretcher.
Read/Write accessible. PSE is
set to 1 by H_RESET and is not
affected by S_RESET or setting
the STOP bit.
6
LNKSE
Link Status Enable. When this bit
is set, a value of 1 will be passed
to the LEDOUT bit in this register
when in Link Pass state.
Read/Write accessible. LNKSE is
set to 1 by H_RESET and is not
affected by S_RESET or setting
the STOP bit.
5
RCVME
Receive Match Status Enable.
When this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is receive ac-
tivity on the network that has
passed the address match func-
tion for this node. All address
matching modes are included:
physical, logical filtering, broad-
cast and promiscuous.
Read/Write accessible. RCVME
is cleared by H_RESET and is
not affected by S_RESET or set-
ting the STOP bit.
4
XMTE
Transmit Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is transmit
activity on the network.
Read/Write accessible. XMTE is
cleared by H_RESET and is not
affected by S_RESET or setting
the STOP bit.
3
RES
Reserved location. Written and
read as zeros.
2
RCVE
Receive Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is receive ac-
tivity on the network.
Read/Write accessible. RCVE is
cleared by H_RESET and is not
affected by S_RESET or setting
the STOP bit.
1
SFBDE
Start Frame/Byte Delimiter En-
able. When this bit is set, a value
of 1 is passed to the LEDOUT bit
in this register when the RXD[3:0]
pins are presenting the least sig-
nificant nibble of valid frame data.
Read/Write accessible. RCVE is
cleared by H_RESET and is not
affected by S_RESET or setting
the STOP bit.
0
COLE
Collision Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is collision
activity on the network.
Read/Write accessible. COLE is
cleared by H_RESET and is not
affected by S_RESET or setting
the STOP bit.
%&5 /(' 6WDWXV
BCR5 controls the function(s) that the LED1 pin dis-
plays. Multiple functions can be simultaneously en-
abled on this LED pin. The LED display will indicate the
logical OR of the enabled functions. BCR5 defaults to
transmit or receive activity (XMTE = 1 and RCVE = 1)
with pulse stretcher enabled (PSE = 1) and is fully pro-
grammable.
Note: When LEDPE (BCR2, bit 12) is set to 1, pro-
gramming of the LED1 Status register is enabled.
When LEDPE is cleared to 0, programming of the
LED1 register is disabled. Writes to this register will be
ignored.
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15
LEDOUT
This bit indicates the current
(non-stretched) value of the LED
output pin. A value of 1 in this bit
indicates that the OR of the en-
abled signals is true.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com