Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C978 Datasheet(PDF) 37 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 33Page - Advanced Micro Devices AM79C978 Datasheet HTML 34Page - Advanced Micro Devices AM79C978 Datasheet HTML 35Page - Advanced Micro Devices AM79C978 Datasheet HTML 36Page - Advanced Micro Devices AM79C978 Datasheet HTML 37Page - Advanced Micro Devices AM79C978 Datasheet HTML 38Page - Advanced Micro Devices AM79C978 Datasheet HTML 39Page - Advanced Micro Devices AM79C978 Datasheet HTML 40Page - Advanced Micro Devices AM79C978 Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 261 page
background image
Am79C978
37
is a single function device. AD[31:11] are “don't cares.”
See Table 6.
Table 6.
Slave Configuration Transfers
The active bytes within a DWord are determined by the
byte enable signals. Eight-bit, 16-bit, and 32-bit trans-
fers are supported. DEVSEL is asserted two clock cy-
cles af t e r t h e h o st h a s a ssert ed F R AM E . All
c onf ig ur at io n c y cl e s a re of fi xe d l e n g th . T h e
Am79C978 controller will assert TRDY on the third
clock of the data phase.
The Am79C978 controller does not support burst trans-
fers for access to configuration space. When the host
keeps FRAME asserted for a second data phase, the
Am79C978 controller will disconnect the transfer.
When the host tries to access the PCI configuration
space while the automatic read of the EEPROM after
H_RESET (see section on RESET) is on-going, the
Am79C978 controller will terminate the access on the
PCI bus with a disconnect/retry response.
The Am79C978 controller supports fast back-to-back
transactions to different targets. This is indicated by the
Fast Back-To-Back Capable bit (PCI Status register, bit
7), which is hardwired to 1. The Am79C978 controller
is capable of detecting a configuration cycle even when
its address phase immediately follows the data phase
of a transaction to a different target without any idle
state in-between. There will be no contention on the
DEVSEL, TRDY, a nd STOP signals, sin ce th e
Am79C978 controller asserts DEVSEL on the second
clock after FRAME is asserted (medium timing).
Slave I/O Transfers
After the Am79C978 controller is configured as an I/O
device by setting IOEN (for regular I/O mode) or
MEMEN (for memory mapped I/O mode) in the PCI
Command register, it starts monitoring the PCI bus for
access to its CSR, BCR, or EEPROM locations. If con-
figured for regular I/O mode, the Am79C978 controller
will look for an address that falls within its 32 bytes of I/
O address space (starting from the I/O base address).
The Am79C978 controller asserts DEVSEL if it detects
an address match and the access is an I/O cycle. If
configure d for memory mapped I/O m ode, the
Am79C978 controller will look for an address that falls
within its 32 bytes of memory address space (starting
from the memory mapped I/O base address). The
Am79C978 controller asserts DEVSEL if it detects an
address match and the access is a memory cycle.
DEVSEL is asserted two clock cycles after the host has
asserted FRAME. See Figure 3 and Figure 4.
The Am79C978 controller will not assert DEVSEL if it
detects an address match and the PCI command is not
of the correct type. In memory mapped I/O mode, the
Am79C978 controller aliases all accesses to the I/O re-
sources of the command types Memory Read Multiple
and Memory Read Line to the basic Memory Read com-
mand. All accesses of the type Memory Write and In-
validate are aliased to the basic Memory Write
command. Eight-bit, 16-bit, and 32-bit non-burst trans-
actions are supported. The Am79C978 controller de-
codes all 32 address lines to determine which I/O
resource is accessed.
The typical number of wait states added to a slave I/O
or memory mapped I/O read or write access on the part
of the Am79C978 controller is six to seven clock cycles,
depending upon the relative phases of the internal Buff-
er Management Unit clock and the CLK signal, since
the internal Buffer Management Unit clock is a divide-
by-two version of the CLK signal.
The Am79C978 controller does not support burst trans-
fers for access to its I/O resources. When the host keeps
FRAME asserted for a second data phase, the
Am79C978 controller will disconnect the transfer.
The Am79C978 controller supports fast back-to-back
transactions to different targets. This is indicated by the
Fast Back-To-Back Capable bit (PCI Status register, bit
7), which is hardwired to 1. The Am79C978 controller
is capable of detecting an I/O or a memory-mapped I/
O cycle even when its address phase immediately fol-
lows the data phase of a transaction to a different target,
without any idle state in-between. There will be no con-
tention on the DEVSEL, TRDY, and STOP signals, since
the Am79C978 controller asserts DEVSEL on the sec-
ond clock after FRAME is asserted (medium timing).
See Figure 5 and Figure 6.
AD31
AD11
AD10
AD8
AD7
AD2
AD1
AD0
Don’t care
Don’t care
DWord
Index
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com