Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM8530H Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 19Page - Advanced Micro Devices AM8530H Datasheet HTML 20Page - Advanced Micro Devices AM8530H Datasheet HTML 21Page - Advanced Micro Devices AM8530H Datasheet HTML 22Page - Advanced Micro Devices AM8530H Datasheet HTML 23Page - Advanced Micro Devices AM8530H Datasheet HTML 24Page - Advanced Micro Devices AM8530H Datasheet HTML 25Page - Advanced Micro Devices AM8530H Datasheet HTML 26Page - Advanced Micro Devices AM8530H Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 194 page
background image
System Interface
AMD
2–5
2.3
SYSTEM TIMINGS
Two control signals,
RD and WR, are used by the SCC to time bus transactions. In addi-
tion, four other control signals,
CE, D/C, A/B and INTACK are used to control the type of
bus transaction that will occur.
A bus transaction starts when the D/
C and A/B pins are asserted prior to the negative
edge of the
RD or WR signal. The coincidence of CE and RD or CE and WR latches the
state of D/
C and A/B and starts the internal operation. The INTACK signal must have
been previously sampled High by a rising edge of PCLK for a read or write cycle to occur.
In addition to sampling
INTACK, PCLK is used by the interrupt section to set the Interrupt
Pending (IP) bits.
The SCC generates internal control signals in response to a register access. Since
RD
and
WR have no phase relationship with PCLK, the circuitry generating these internal
control signals provide time for metastable conditions to disappear. This results in a re-
covery time related to PCLK. This recovery time applies only between transactions involv-
ing the Am8530H/Am85C30, and any intervening transactions are ignored. This recovery
time is four PCLK cycles, measured from the falling edge of
RD or WR for a read or write
cycle of any SCC register on the Am8530H-step and 3 or 3.5 PCLK cycles for the
Am85C30.
Note that
RD and the WR inputs are ignored until CE is activated. The falling edge of RD
and
WR can be substituted for the falling edge of CE or vice versa for calculating proper
pulse width for
RD or WR low. In other words, if CE goes active after RD or WR have
gone active for a read or a write cycle, respectively,
CE must stay active as long as the
minimum pulse width for
RD and WR.
2.3.1
Read Cycle
The Read cycle timing for the SCC is shown in Figure 2–1. The A/
B and D/C pins are
latched by the coincidence of
RD and CE active. CE must remain Low and INTACK must
remain High throughout the cycle. The SCC bus drivers are enabled while
CE and RD are
both Low. A read with D/
C High does not disturb the state of the pointers and a read cycle
with D/
C Low resets the pointers to zero after the internal operation is complete.
2.3.2
Write Cycle
The Write cycle timing for the SCC is shown in Figure 2–2. The A/
B and D/C pins are
latched by the coincidence of
WR and CE active. CE must remain Low and INTACK must
remain High throughout the cycle. A write cycle with D/
C High does not disturb the state
of the pointers and a write cycle with D/
C Low resets the pointers to zero after the internal
operation is complete.
2.3.3
Interrupt Acknowledge Cycle
The Interrupt Acknowledge cycle timing for the SCC is shown in Figure 2–3. The state of
INTACK is latched by the rising edge of PCLK. While INTACK is Low, the state of the
A/
B, D/C, and WR pins is ignored by the SCC. Between the time INTACK is first sampled
Low and the time
RD falls, the internal and external IEI/IEO daisy chains settle; this is
A.C. parameter #38 TdlAi (RD).
If there is an interrupt pending in the SCC, and IEI is High when
RD falls, the Interrupt
Acknowledge cycle is intended for the SCC. This being the case, the SCC sets the appro-
priate Interrupt Under Service (IUS) latch, and places an interrupt vector on D0–D7. If the
falling edge of
RD sets an IUS bit in the SCC, the INT pin goes inactive in response to the
falling edge. Note that there should be only one
RD per Acknowledge cycle.
Another important fact is that the IP bits in the SCC are updated by a clock half the fre-
quency of PCLK, and this clock is stopped while the pointers point to RR2 and RR3; thus
the interrupt requests will be delayed if the pointers are left pointing at these registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com