Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS1aF-48V-F Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # JS1aF-48V-F
Description  1a/1c 10A cubic type power relays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

JS1aF-48V-F Datasheet(HTML) 1 Page - Panasonic Semiconductor

  JS1aF-48V-F Datasheet HTML 1Page - Panasonic Semiconductor JS1aF-48V-F Datasheet HTML 2Page - Panasonic Semiconductor JS1aF-48V-F Datasheet HTML 3Page - Panasonic Semiconductor JS1aF-48V-F Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
JS
ASCTB186E 201202-T
ORDERING INFORMATION
1a/1c 10A cubic type
power relays
JS RELAYS
VDE
RoHS compliant
FEATURES
• Miniature size with universal terminal
footprint
• High contact capacity: 10 A
• TV-5 type available (Standard type)
1 Form A type
→ TV-5
1 Form C type
→ TV-5 (N.O. side only)
• VDE, TÜV also approved
• Sealed construction for automatic
cleaning (Standard type)
• Class B and F coil insulation type
also available.
• EN60335-1 GWT compliant (Tested
by VDE) type available
• Surge voltage 6 kV type also
available
TYPICAL APPLICATIONS
1. Home appliances
Air conditioner, heater, etc.
2. Office machines
PPC, facsimile, etc.
3. Vending machines
Contact arrangement
1:
1a:
1aP:
1 Form C (Standard)
1 Form A (Standard)
1 Form A (Long endurance type)
Protective construction
Nil:
F:
Sealed type
Flux-resistant type
JS
F
Coil insulation class
Nil:
B:
F:
Class E insulation
Class B insulation
Class F insulation
Contact material
F: AgSnO2 type
Nominal coil voltage (DC)
5V, 6V, 9V, 12V, 18V, 24V, 48V
Flame resistance and tracking resistance
Nil:
T:
Surge voltage
6K: 6kV type
–
EN60335-1 (Conform)
Standard: UL, CSA, VDE, TÜV (Standard type)
UL, CSA, VDE (Long endurance type and EN60335-1 GWT compliant type)
UL, CSA (Surge voltage 6kV type)
Notes: 1. When ordering TV rated (TV-5) types, please consult us.
2. Contact arrangement 1aP type is Flux-resistant type only (Class B insulation only).


Similar Part No. - JS1aF-48V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JS1AF-48V-F PANASONIC-JS1AF-48V-F Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays Surge voltage 6 kV type also available
JS1AF-48V-F PANASONIC-JS1AF-48V-F Datasheet
74Kb / 4P
1a/1c 10A cubic type power relays
More results

Similar Description - JS1aF-48V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JQ1AP-B-24V-F PANASONIC-JQ1AP-B-24V-F Datasheet
93Kb / 6P
1a/1c 5A/10A small power relays
JQ1APE-24V-H12 PANASONIC-JQ1APE-24V-H12 Datasheet
128Kb / 7P
1a/1c 5A/10A small power relays
JS1A-5V-F PANASONIC-JS1A-5V-F Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays Surge voltage 6 kV type also available
JS1-B-12V-F PANASONIC-JS1-B-12V-F Datasheet
102Kb / 5P
1a/1c 10A cubic type power relays
JQ1AP-24V-F PANASONIC-JQ1AP-24V-F Datasheet
128Kb / 7P
1a/1c 5A/10A small power relays
JQ1AP-B-12V-F PANASONIC-JQ1AP-B-12V-F Datasheet
88Kb / 6P
1a/1c 5A/10A small power relays
JS1AF-B-24V-F PANASONIC-JS1AF-B-24V-F Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays
JS1-B-18V PANASONIC-JS1-B-18V Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays
JS1-B-24V-F PANASONIC-JS1-B-24V-F Datasheet
74Kb / 4P
1a/1c 10A cubic type power relays
JS1F-B-48V-F PANASONIC-JS1F-B-48V-F Datasheet
740Kb / 5P
1a/1c 10A cubic type power relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com