Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q40BVSNIP Datasheet(PDF) 49 Page - Winbond

Part # W25Q40BVSNIP
Description  4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BVSNIP Datasheet(HTML) 49 Page - Winbond

Back Button W25Q40BVSNIP Datasheet HTML 45Page - Winbond W25Q40BVSNIP Datasheet HTML 46Page - Winbond W25Q40BVSNIP Datasheet HTML 47Page - Winbond W25Q40BVSNIP Datasheet HTML 48Page - Winbond W25Q40BVSNIP Datasheet HTML 49Page - Winbond W25Q40BVSNIP Datasheet HTML 50Page - Winbond W25Q40BVSNIP Datasheet HTML 51Page - Winbond W25Q40BVSNIP Datasheet HTML 52Page - Winbond W25Q40BVSNIP Datasheet HTML 53Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
W25Q40BV
Publication Release Date: May 04, 2012
- 49 -
Revision C
7.2.31 Read Manufacturer / Device ID (90h)
The Read Manufacturer/Device ID instruction is an alternative to the Release from Power-down / Device
ID instruction that provides both the JEDEC assigned manufacturer ID and the specific device ID.
The Read Manufacturer/Device ID instruction is very similar to the Release from Power-down / Device ID
instruction. The instruction is initiated by driving the /CS pin low and shifting the instruction code “90h”
followed by a 24-bit address (A23-A0) of 000000h. After which, the Manufacturer ID for Winbond (EFh)
and the Device ID are shifted out on the falling edge of CLK with most significant bit (MSB) first as shown
in figure 29. The Device ID values for the W25Q40BV is listed in Manufacturer and Device Identification
table. If the 24-bit address is initially set to 000001h the Device ID will be read first and then followed by
the Manufacturer ID. The Manufacturer and Device IDs can be read continuously, alternating from one to
the other. The instruction is completed by driving /CS high.
31 32
33 34 35 36 37 38 39
40 41 42 43 44
45 46
Figure 29. Read Manufacturer / Device ID Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com