Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q40BVZPIP Datasheet(PDF) 71 Page - Winbond

Part # W25Q40BVZPIP
Description  4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BVZPIP Datasheet(HTML) 71 Page - Winbond

Back Button W25Q40BVZPIP Datasheet HTML 65Page - Winbond W25Q40BVZPIP Datasheet HTML 66Page - Winbond W25Q40BVZPIP Datasheet HTML 67Page - Winbond W25Q40BVZPIP Datasheet HTML 68Page - Winbond W25Q40BVZPIP Datasheet HTML 69Page - Winbond W25Q40BVZPIP Datasheet HTML 70Page - Winbond W25Q40BVZPIP Datasheet HTML 71Page - Winbond W25Q40BVZPIP Datasheet HTML 72Page - Winbond W25Q40BVZPIP Datasheet HTML 73Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 71 / 73 page
background image
W25Q40BV
Publication Release Date: May 04, 2012
- 71 -
Revision C
10. ORDERING INFORMATION
W(1) 25Q 40B V xx(2)
W = Winbond
25Q = SpiFlash Serial Flash Memory with 4KB sectors, Dual/Quad I/O
40B = 4M-bit
V = 2.7V to 3.6V
SN = 8-pin SOIC 150-mil
SV = 8-pin VSOP 150-mil
SS = 8-pin SOIC 208-mil
ZP
= 8-pad WSON 6x5-mm
DA = 8-pin PDIP 300-mil
UX = 8-pad USON 2x3-mm
I = Industrial (-40°C to +85°C)
(3,4)
G = Green Package (Lead-free, RoHS Compliant, Halogen-free (TBBA), Antimony-Oxide-free Sb2O3)
P = Green Package with Status Register Power-Down & OTP enabled
Notes:
1. The “W” prefix is not included on the part marking.
2. Only the 2
nd letter is used for the part marking; WSON package type ZP is not used for the part marking.
3. Standard bulk shipments are in Tube (shape E). Please specify alternate packing method, such as Tape and
Reel (shape T) or Tray (shape S), when placing orders.
4. For shipments with OTP feature enabled, please specify when placing orders.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com