Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN5E010AH Datasheet(PDF) 21 Page - STMicroelectronics

Part # VN5E010AH
Description  10 m??high-side driver with analog current sense for automotive applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5E010AH Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VN5E010AH Datasheet HTML 17Page - STMicroelectronics VN5E010AH Datasheet HTML 18Page - STMicroelectronics VN5E010AH Datasheet HTML 19Page - STMicroelectronics VN5E010AH Datasheet HTML 20Page - STMicroelectronics VN5E010AH Datasheet HTML 21Page - STMicroelectronics VN5E010AH Datasheet HTML 22Page - STMicroelectronics VN5E010AH Datasheet HTML 23Page - STMicroelectronics VN5E010AH Datasheet HTML 24Page - STMicroelectronics VN5E010AH Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
VN5E010AH
Electrical specifications
Doc ID 15984 Rev 3
21/37
2.5
Electrical characteristics curves
Figure 17. OFF-state output current
Figure 18. High-level input current
Iloff [nA]
0
1000
2000
3000
4000
5000
6000
-50
-25
0
25
50
75
100
125
150
175
Tc [°C]
Iih [uA]
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-50
-25
0
25
50
75
100
125
150
175
Tc [°C]
Vin= 2.1V
Figure 19. Input clamp voltage
Figure 20. Low-level input voltage
Vicl [V]
5
5.2
5.4
5.6
5.8
6
6.2
6.4
6.6
6.8
7
-50
-25
0
25
50
75
100
125
150
175
Tc [°C]
Iin= 1mA
Vil [V]
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
175
Tc [°C]
Figure 21. High-level input voltage
Figure 22. Input hysteresis voltage
Vih [V]
0
0.5
1
1.5
2
2.5
3
3.5
4
-50
-25
0
25
50
75
100
125
150
175
Tc [°C]
Vihyst [V]
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
175
Tc [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com