Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMMC008AWP Datasheet(PDF) 37 Page - Advanced Micro Devices

Part # AMMC008AWP
Description  2, 4, or 8 Megabyte 5.0 Volt-only Flash Miniature Card
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMC008AWP Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button AMMC008AWP Datasheet HTML 31Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 32Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 33Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 34Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 35Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 36Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 37Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 38Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 39Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
AmMC0XXA
37
PREL I M I N AR Y
PHYSICAL DIMENSIONS
Top View
38.00 mm
1.496 in.
33.00 mm
1.299 in.
.118 in.
3.00 mm
.150 in.
3.81 mm
.118 in.
3.00 mm
.118 in.
3.00 mm
.118 in.
3.212 mm
.217 in.
5.50 mm
.217 in.
5.50 mm
.161 in.
4.09 mm
center line
.244 in.
6.21 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com