Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29F010-45JIB Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # AM29F010-45JIB
Description  1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F010-45JIB Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AM29F010-45JIB Datasheet HTML 23Page - Advanced Micro Devices AM29F010-45JIB Datasheet HTML 24Page - Advanced Micro Devices AM29F010-45JIB Datasheet HTML 25Page - Advanced Micro Devices AM29F010-45JIB Datasheet HTML 26Page - Advanced Micro Devices AM29F010-45JIB Datasheet HTML 27Page - Advanced Micro Devices AM29F010-45JIB Datasheet HTML 28Page - Advanced Micro Devices AM29F010-45JIB Datasheet HTML 29Page - Advanced Micro Devices AM29F010-45JIB Datasheet HTML 30Page - Advanced Micro Devices AM29F010-45JIB Datasheet HTML 31Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
Am29F010
29
PHYSICAL DIMENSIONS (continued)
TS 032
32-Pin Standard Thin Small Outline Package (measured in millimeters)
Pin 1 I.D.
1
18.30
18.50
7.90
8.10
0.50 BSC
0.05
0.15
0.95
1.05
16-038-TSOP-2
TS 032
DA95
4-4-95 ae
19.80
20.20
1.20
MAX
0.50
0.70
0.10
0.21
0.25MM (0.0098") BSC
0°
5°
0.08
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31