Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1099CSW Datasheet(PDF) 5 Page - Linear Integrated Systems

Part # LTC1099CSW
Description  High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1099CSW Datasheet(HTML) 5 Page - Linear Integrated Systems

  LTC1099CSW Datasheet HTML 1Page - Linear Integrated Systems LTC1099CSW Datasheet HTML 2Page - Linear Integrated Systems LTC1099CSW Datasheet HTML 3Page - Linear Integrated Systems LTC1099CSW Datasheet HTML 4Page - Linear Integrated Systems LTC1099CSW Datasheet HTML 5Page - Linear Integrated Systems LTC1099CSW Datasheet HTML 6Page - Linear Integrated Systems LTC1099CSW Datasheet HTML 7Page - Linear Integrated Systems LTC1099CSW Datasheet HTML 8Page - Linear Integrated Systems LTC1099CSW Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC1099
5
PIN FUNCTIONS
VIN (Pin 1): Analog Input.
DB0 to DB3 (Pins 2 to 5): Data Outputs. DB0 = LSB.
WR/RDY (Pin 6): WR/RDY is an input when M0DE = VCC.
Falling edge of WR switches internal S/H to hold then
starts conversion. WR/RDY is an open drain output (active
pull-down) when M0DE = GND. RDY goes low at start of
conversion and pull-down is turned off when conversion
is complete. Resistive pull-up is usually used in this mode.
MODE (Pin 7): WR-RD when MODE = VCC. RD when
M0DE = GND. No internal pull-down.
RD (Pin 8): A Low on RD with CS Low Activates Three-
State Outputs. With MODE = GND and CS low, the falling
edge of RD switches internal S/H to hold and starts
conversion.
INT (Pin 9): Output that goes low when the conversion in
process is complete and goes high after data is read.
GND (Pin 10): Ground Connection.
REF– (Pin 11): Low Reference Potential (Analog Ground).
REF+ (Pin 12): High Reference Potential. VREF = Full Scale
= (REF+) – (REF–).
CS (Pin 13): Chip Select. When high, data outputs are high
impedance and all inputs are ignored.
DB4 to DB7 (Pins 14 to 17): Data Outputs. DB7 = MSB.
OFL (Pin 18): Overflow Output. Goes low when VIN > VREF.
TC (Pin 19): User Adjustable Conversion Time.
VCC (Pin 20): Positive Supply. 4.75V ≤ VCC ≤ 5.25V.
TEST CIRCUITS
RD
RD
CS
CL
DATA
OUT
VCC
VCC
1k
RD
CS
CL
DATA
OUT
VCC
VCC
t1H
tr = 20ns, CL = 10pF
t0H
tr = 20ns, CL = 10pF
GND
RD
VCC
GND
GND
V0H
DATA OUT
VCC
V0L
DATA OUT
tr
tr
t1H
t0H
90%
90%
90%
50%
50%
10%
10%
10%
1099 F01
1k
Figure 1. Three-State Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com