Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29F010-55JIB Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # AM29F010-55JIB
Description  1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F010-55JIB Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button AM29F010-55JIB Datasheet HTML 23Page - Advanced Micro Devices AM29F010-55JIB Datasheet HTML 24Page - Advanced Micro Devices AM29F010-55JIB Datasheet HTML 25Page - Advanced Micro Devices AM29F010-55JIB Datasheet HTML 26Page - Advanced Micro Devices AM29F010-55JIB Datasheet HTML 27Page - Advanced Micro Devices AM29F010-55JIB Datasheet HTML 28Page - Advanced Micro Devices AM29F010-55JIB Datasheet HTML 29Page - Advanced Micro Devices AM29F010-55JIB Datasheet HTML 30Page - Advanced Micro Devices AM29F010-55JIB Datasheet HTML 31Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 31 page
background image
Am29F010
31
REVISION SUMMARY FOR AM29F010
Revision F+1
Product Selector Guide
There are now two VCC supply operating ranges avail-
able for the 55 ns speed option. The PDIP package is
only available in the
±5% V
CC operating range. The
other packages are available in the
±10% operating
range.
Ordering Information
The 45 ns speed grade is now also available in PC con-
figuration (PDIP package, commercial temperature.)
Operating Ranges
VCC Supply Voltages: Changed to reflect the available
speed options.
AC Characteristics
Write/Erase/Program Operations: Corrected to indicate
tVLHT, tOESP, tWHWH1, and tWHWH2 are typical values,
not minimum values. Changed value for tWHWH2.
AC Characteristics
Write/Erase/Program Operations, Alternate CE# Con-
trolled Writes: Corrected to indicate tWHWH1 and
tWHWH2 are typical values, not minimum values.
Changed value for tWHWH2.
Erase and Programming Performance
Combined chip and sector erase specifications;
changed typical and maximum values. Added Note 6.
Revision G
Global
Made formatting and layout consistent with other data
sheets. Used updated common tables and diagrams.
Revision G+1
Table 4, Command Definitions
Address bits A0–A14 are required for unlock cycles.
Therefore, addresses for second and fifth write cycles
are 2AAAh. Addresses for first, third, fourth, and sixth
cycles are 5555h. Read cycles are not affected. De-
leted Note 4 to reflect the correction.
Revision G+2
AC Characteristics
Erase/Program Operations; Erase and Program Oper-
ations Alternate CE# Controlled Writes: Corrected the
notes reference for tWHWH1 and tWHWH2. These param-
eters are 100% tested. Corrected the note reference
for tVCS. This parameter is not 100% tested.
Trademarks
Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com