Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29SL800BB200FIB Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # AM29SL800BB200FIB
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800BB200FIB Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button AM29SL800BB200FIB Datasheet HTML 33Page - Advanced Micro Devices AM29SL800BB200FIB Datasheet HTML 34Page - Advanced Micro Devices AM29SL800BB200FIB Datasheet HTML 35Page - Advanced Micro Devices AM29SL800BB200FIB Datasheet HTML 36Page - Advanced Micro Devices AM29SL800BB200FIB Datasheet HTML 37Page - Advanced Micro Devices AM29SL800BB200FIB Datasheet HTML 38Page - Advanced Micro Devices AM29SL800BB200FIB Datasheet HTML 39Page - Advanced Micro Devices AM29SL800BB200FIB Datasheet HTML 40Page - Advanced Micro Devices AM29SL800BB200FIB Datasheet HTML 41Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 41 page
background image
Am29SL800B
41
ADV ANCE
I N FO RMAT I O N
REVISION SUMMARY FOR AM29SL800B
Revision A+1
Ordering Information
Removed the dash from part numbers. Also removed
dash from remainder of data sheet, wherever it
occurred in the part number.
Reset Command
Deleted last paragraph in section, which applied to RE-
SET#, not the reset command.
Revision A+2
Figure 1, In-System Sector Protect/Unprotect
Algorithms
In the sector protect algorithm, added a “PLSCNT=1”
box in the path from “Protect another sector?” back to
setting up the next sector address.
DC Characteristics
Changed Note 1 to indicate that OE# is at VIH for the
listed current.
Erase and Program Operations; Alternate CE#
Controlled Erase/Program Operations
Corrected the notes reference for tWHWH1 and tWHWH2.
These parameters are 100% tested. Corrected the
note reference for tVCS. This parameter is not 100%
tested.
Temporary Sector Unprotect Table
Added note reference for tVIDR. This parameter is not
100% tested.
Figure 23, Sector Protect/Unprotect Timing
Diagram
A valid address is not required for the first write cycle;
only the data 60h.
Erase and Programming Performance
In Note 2, the worst case endurance is now 1 million cy-
cles.
Trademarks
Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com