Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4267IGN Datasheet(PDF) 9 Page - Linear Integrated Systems

Part # LTC4267IGN
Description  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4267IGN Datasheet(HTML) 9 Page - Linear Integrated Systems

Back Button LTC4267IGN Datasheet HTML 5Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 6Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 7Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 8Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 9Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 10Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 11Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 12Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 13Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC4267
9
4267fc
BLOCK DIAGRAM
4267 BD
VPORTN
BOLD LINE INDICATES HIGH CURRENT PATH
POUT
–
+
PGND
RCLASS
PWRGD
CONTROL
CIRCUITS
INPUT
CURRENT
LIMIT
POWER GOOD
CLASSIFICATION
CURRENT LOAD
1.237V
EN
375mA
140mA
9k
16k
–
+
EN
25k
SIGNATURE
RESISTOR
VPORTP
SIGDISA
–
+
SLOPE
COMP
CURRENT
RAMP
PVCC
GATE
DRIVER
NGATE
SENSE
200kHz
OSCILLATOR
UNDERVOLTAGE
LOCKOUT
Q
R
CURRENT
COMPARATOR
SHUTDOWN
COMPARATOR
SHUTDOWN
S
20mV
ITH/RUN
ERROR
AMPLIFIER
VFB
SOFT-
START
CLAMP
VCC
SHUNT
REGULATOR
SWITCHING
LOGIC AND
BLANKING
CIRCUIT
0.28V
PVCC <
VTURNON
0.3µA
PVCC
–
+
1.2V
800mV
REFERENCE
OVERVIEW
The LTC4267 is partitioned into two major blocks: a
Powered Device (PD) interface controller and a current
mode flyback switching regulator. The Powered Device
(PD) interface is intended for use as the front end of a
PD adhering to the IEEE 802.3af standard, and includes
a trimmed 25kΩ signature resistor, classification current
source, and an input current limit circuit. With these
functions integrated into the LTC4267, the signature and
power interface for a PD can be built that meets all the
requirements of the IEEE 802.3af specification with a
minimum of external components.
The switching regulator portion of the LTC4267 is a con-
stant frequency current mode controller that is optimized
for Power over Ethernet applications. The regulator is
designed to drive a 6V N-channel MOSFET and features
soft-start and programmable slope compensation. The
integrated error amplifier and precision reference give the
PD designer the option of using a nonisolated topology
without the need for an external amplifier or reference. The
LTC4267 has been specifically designed to interface with
both IEEE compliant Power Sourcing Equipment (PSE)
and legacy PSEs which do not meet the inrush current
requirement of the IEEE 802.3af specification. By setting
the initial inrush current limit to a low level, a PD using
the LTC4267 minimizes the current drawn from the PSE
during start-up. After powering up, the LTC4267 switches
to the high level current limit, thereby allowing the PD to
consume up to 12.95W if an IEEE 802.3af PSE is present.
This low level current limit also allows the LTC4267 to
charge arbitrarily large load capacitors without exceeding
the inrush limits of the IEEE 802.3af specification. This
dual level current limit provides the system designer with
flexibility to design PDs which are compatible with legacy
PSEs while also being able to take advantage of the higher
power available in an IEEE 802.3af system.
Using an LTC4267 for the power and signature interface
functions of a PD provides several advantages. The
LTC4267 current limit circuit includes an onboard 100V,
400mA power MOSFET. This low leakage MOSFET is
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com