Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MACH211SP-7VC Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # MACH211SP-7VC
Description  High-Density EE CMOS Programmable Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

MACH211SP-7VC Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button MACH211SP-7VC Datasheet HTML 24Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 25Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 26Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 27Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 28Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 29Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 30Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 31Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
28
MACH211SP-7/10/12/15/20
FMAX PARAMETERS
The parameter fMAX is the maximum clock rate at which
the device is guaranteed to operate. Because the flexi-
bility inherent in programmable logic devices offers a
choice of clocked flip-flop designs, fMAX is specified for
three types of synchronous designs.
The first type of design is a state machine with feed-
back signals sent off-chip. This external feedback could
go back to the device inputs, or to a second device in a
multi-chip state machine. The slowest path defining the
period is the sum of the clock-to-output time and the
input setup time for the external signals (tS + tCO). The
reciprocal, fMAX, is the maximum frequency with exter-
nal feedback or in conjunction with an equivalent speed
device. This fMAX is designated “fMAX external.”
The second type of design is a single-chip state ma-
chine with internal feedback only. In this case, flip-flop
inputs are defined by the device inputs and flip-flop out-
puts. Under these conditions, the period is limited by
the internal delay from the flip-flop outputs through the
internal feedback and logic to the flip-flop inputs. This
fMAX is designated “fMAX internal”. A simple internal
counter is a good example of this type of design; there-
fore, this parameter is sometimes called “fCNT.”
The third type of design is a simple data path applica-
tion. In this case, input data is presented to the flip-flop
and clocked through; no feedback is employed. Under
these conditions, the period is limited by the sum of the
data setup time and the data hold time (tS + tH). How-
ever, a lower limit for the period of each fMAX type is the
minimum clock period (tWH + tWL). Usually, this mini-
mum clock period determines the period for the third
fMAX, designated “fMAX no feedback.”
For devices with input registers, one additional fMAX pa-
rameter is specified: fMAXIR. Because this involves no
feedback, it is calculated the same way as fMAX no
feedback. The minimum period will be limited either by
the sum of the setup and hold times (tSIR + tHIR) or the
sum of the clock widths (tWICL + tWICH). The clock
widths are normally the limiting parameters, so that
fMAXIR is specified as 1/(tWICL + tWICH). Note that if both
input and output registers are use in the same path, the
overall frequency will be limited by tICS.
All frequencies except fMAX internal are calculated from
other measured AC parameters. fMAX internal is mea-
sured directly.
tSIR
CLK
LOGIC
REGISTER
CLK
LOGIC
REGISTER
tS
CLK
LOGIC
REGISTER
fMAX External; 1/(tS + tCO)fMAX Internal (fCNT)
fMAX No Feedback; 1/(tS + tH) or 1/(tWH + tWL)fMAXIR; 1/(tSIR + tHIR) or 1/(tWICL + tWICH)
tS
tCO
tS
CLK
LOGIC
REGISTER
(SECOND
CHIP)
tHIR
20405B-21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com