Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BC856 Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BC856
Description  PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BC856 Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BC856 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BC856 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
Typical Characteristics
-0.2 -0.5 -1.0 -2.0
-5.0 -10 -20
-50 -100 -200
I -COLLECTOR CURRENT(mAdc)
C
2.0
1.5
1.0
0.7
0.5
0.3
0.2
-0.1 -0.2 -0.5 -1.0 -2.0 -5.0 -10 -20
-50 -100
I -COLLECTOR CURRENT(mAdc)
C
Vc =-10V
Ta=25 C
E
Normailzed DC Current (mAdc)
=10
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
V
@
=10
BE(sat)
I /I
C B
V
@I /I =10
CE(sat)
C B
V
@V
=-10V
BE(on)
CE
Saturation and On Voltage
-0.02
-0. 1
-1.0
-10 -20
-2.0
-1.6
-1.2
-0.8
-0.4
0
-0.5
-1.0
-2.0 -3.0 -5.0
-10
-20 -30 -50
I
BASE CURRENT(mA)
B
Collector Saturation Region
T =25 C
J
I =
-10mA
C
I =-50mA
C
I =-200mA
C
I =-100mA
C
I =-20mA
C
Vc =-10V
Ta=25 C
E
400
300
200
150
100
80
60
40
30
20
I -COLLECTOR CURRENT(mAdc)
C
Current-Gain-Bandwidth Pouduct
BC856
IC-COLLECTOR CURRENT(AMP)
2.0
1.0
0.5
0.2
-0.2 -0.5 -1.0 -2.0 -5.0 -10 -20
-50 -100 -200
I -COLLECTOR CURRENT(mA)
C
DC Current Gain
-1.0
-0.8
-0.6
-0.4
-0.2
0
On Voltage
Vc =-5.0V
Ta=25 C
E
-0.1 -0.2
-1.0 -2.0 -5.0 -10 -20 -50 -100 -200
V
@
=10
BE(sat)
I /I
C B
V @V
=-5.0V
BE
CE
V
@I /I =10
CE(sat)
C B
T =25 C
J
-0.02 -0.05 -0. 1 -0.2
-0.5 -1.0 -2.0 -5.0 -10 -20
-2.0
-1.6
-1.2
-0.8
-0.4
0
-1.0
-10
-100
I
BASE CURRENT(mA)
B
Collector Saturation Region
T =25 C
J
I =
-10mA
C
500
200
100
50
20
I -COLLECTOR CURRENT(mA)
C
Current-Gain-Bandwidth Pouduct
-50mA
-20mA
-100mA -200mA
Vc =-5.0V
E
B 8 5 7 B C 8 5 8
C
B 8 5 6 - B C 8 5 8
C
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com