Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AME40AEAS Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AME40AEAS
Description  Micropower Voltage Reference Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME40AEAS Datasheet(HTML) 2 Page - Analog Microelectronics

  AME40AEAS Datasheet HTML 1Page - Analog Microelectronics AME40AEAS Datasheet HTML 2Page - Analog Microelectronics AME40AEAS Datasheet HTML 3Page - Analog Microelectronics AME40AEAS Datasheet HTML 4Page - Analog Microelectronics AME40AEAS Datasheet HTML 5Page - Analog Microelectronics AME40AEAS Datasheet HTML 6Page - Analog Microelectronics AME40AEAS Datasheet HTML 7Page - Analog Microelectronics AME40AEAS Datasheet HTML 8Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Analog Microelectronics, Inc.
2
Micropower Voltage Reference Diode
AME40
n
n
n
n
n Ordering Information
n
n
n
n
n Package Outline
* The NC pin must float or be connected to - (negative)
+-
+-
NC *
NC *
+
-
SOT-23 Top View
TO-92-3 Bottom View
TO-92-2 Bottom View
NC
+
-
NC
NC
NC
NC
NC
1
2
3
4
5
6
7
8
SO-8 Top View
Part Number
Accuracy
Marking
Package Operating Temp. Range
AME40BEET
0.2%
ACUww
SOT-23
-40
OC to +85OC
AME40BEHA
0.2%
AME
40BEHA
yyww
SO-8
-40
OC to +85OC
AME40AEET
0.5%
ABZww
SOT-23
-40
OC to +85OC
AME40AEAS
0.5%
AME
40
AEAS
yyww
TO-92-2
-40
OC to +85OC
AME40AEAT
0.5%
AME
40
AEAT
yyww
TO-92-3
-40
OC to +85OC
AME40AEHA
0.5%
AME
40AEHA
yyww
SO-8
-40
OC to +85OC
Please consult AME sales office or authorized Rep./Distributor for other voltage accuracy and
package type availability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com