Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25X05CLSNIG Datasheet(PDF) 49 Page - Winbond

Part # W25X05CLSNIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLSNIG Datasheet(HTML) 49 Page - Winbond

Back Button W25X05CLSNIG Datasheet HTML 43Page - Winbond W25X05CLSNIG Datasheet HTML 44Page - Winbond W25X05CLSNIG Datasheet HTML 45Page - Winbond W25X05CLSNIG Datasheet HTML 46Page - Winbond W25X05CLSNIG Datasheet HTML 47Page - Winbond W25X05CLSNIG Datasheet HTML 48Page - Winbond W25X05CLSNIG Datasheet HTML 49Page - Winbond W25X05CLSNIG Datasheet HTML 50Page - Winbond W25X05CLSNIG Datasheet HTML 51Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 49 -
Revision B
11. ORDERING INFORMATION
(1)
Notes:
1a. Standard bulk shipments are in Tube (shape E).
Please specify alternate packing method, such as Tape and Reel
(shape T) or Tray (shape S), when placing orders.
1b
. The “W” prefix is not included on the part marking.
2.
Only the 2
nd letter is used for the part marking, package type ZP is not used for the part marking.
W
25X xxC L xx
(2)
W
=
Winbond
25X
=
SpiFlash Serial Flash Memory with 4KB sectors, Dual SPI
20C
=
2M-bit
10C
=
1M-bit
05C
=
512K-bit
L =
2.3V to 3.6V
SN
=
8-pin SOIC 150-mil
SV
=
8-pin VSOP 150-mil
SD
=
8-pin TSSOP 173-mil
ZP
=
8-pad WSON 6x5-mm
UX
=
8-pad USON 2x3-mm
I
=
Industrial (-40°C to +85°C)
G
=
Green Package (Lead-free, RoHS Compliant, Halogen-free (TBBA), Antimony-Oxide-free Sb2O3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com