Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AME1084ACCS Datasheet(PDF) 6 Page - Analog Microelectronics

Part # AME1084ACCS
Description  5A Low Dropout Positive Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1084ACCS Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button AME1084ACCS Datasheet HTML 2Page - Analog Microelectronics AME1084ACCS Datasheet HTML 3Page - Analog Microelectronics AME1084ACCS Datasheet HTML 4Page - Analog Microelectronics AME1084ACCS Datasheet HTML 5Page - Analog Microelectronics AME1084ACCS Datasheet HTML 6Page - Analog Microelectronics AME1084ACCS Datasheet HTML 7Page - Analog Microelectronics AME1084ACCS Datasheet HTML 8Page - Analog Microelectronics AME1084ACCS Datasheet HTML 9Page - Analog Microelectronics AME1084ACCS Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Analog Microelectronics, Inc.
6
AME1084
5A Low Dropout
Positive Voltage Regulator
n
n
n
n
n Application Description
1. Output voltage adjustment
Like most regulators, the AME1084 regulates
the output by comparing the output voltage to
an internally generated reference voltage. On
the adjustable version, the VREF is available ex-
ternally as 1.25V between V
OUT and ADJ.
The
voltage ratio formed by R1 and R2 should be
set to conduct 10mA (minimum output load).
The output voltage is given by the following
equation:
V
OUT = VREF ( 1 +
) + I
ADJ x R2
On fixed versions of AME1084, the voltage di-
vider is provided internally.
R2
R1
Figure 3
3. Current limit protection
AME1084 is protected against overload conditions.
Current protection is triggered at typical 7.5A.
4. Stability and load regulation
AME1084 requires a capacitor from VOUT to GND t o
provide compensation feedback to the internal gain
stage. This is to ensure stability at the output termi-
nal. Typically, a 10
µF tantalum or 50µF aluminum
electrolytic is sufficient.
Note: It is important that the ESR for this capacitor
does not exceed 0.5
Ω.
The output capacitor dose not have a theoretical
upper limit and increasing its value will increase
stability. COUT = 100
µF or more is typical for high cur-
rent regulator design.
For the adjustable version, the best load regulation is
accomplished when the top of theresistor
divider
(R1) is connected directly to theoutput pin of the
AME1084. When so connected, R
P is not multiplied
by the divider ratio.
For fixed output versions, the top of R1 is internally
connected to the output. The ground pin can be con-
nected to low side of the load to eliminate ground loop
errors.
2. Thermal protection
AME1084 has thermal protection which limits
junction temperature to 150OC. However, de-
vice functionality is only guaranteed to a maxi-
mum junction temperature of +125OC.
The power dissipation and junction tempera-
ture for AME1084 in TO-220 package are given
by
P
D = (VIN - VOUT) x IOUT
T
JUNCTION = TAMBIENT + ( PD x θJA)
Note: T
JUNCTION must not exceed 125
O
C
Figure 4
V
OUT = VREF (1+
R2
R1
) + I
ADJ x R2
OUT
ADJ
IN
V
REF
I
AD J
50
µA
V
IN
V
OUT
R1
R2
C
1
OUT
ADJ
IN
V
IN
R1
R2
R
L
R
P
Parasitic
Line Resistance
Connect
R2 to load
(Connect R1 to case)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com