Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29F010-45JEB Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM29F010-45JEB
Description  1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F010-45JEB Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM29F010-45JEB Datasheet HTML 18Page - Advanced Micro Devices AM29F010-45JEB Datasheet HTML 19Page - Advanced Micro Devices AM29F010-45JEB Datasheet HTML 20Page - Advanced Micro Devices AM29F010-45JEB Datasheet HTML 21Page - Advanced Micro Devices AM29F010-45JEB Datasheet HTML 22Page - Advanced Micro Devices AM29F010-45JEB Datasheet HTML 23Page - Advanced Micro Devices AM29F010-45JEB Datasheet HTML 24Page - Advanced Micro Devices AM29F010-45JEB Datasheet HTML 25Page - Advanced Micro Devices AM29F010-45JEB Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
22
Am29F010
AC CHARACTERISTICS
Erase and Program Operations
Notes:
1. Not 100% tested.
2. See the “Erase and Programming Performance” section for more informaiton.
Parameter Symbol
Parameter Description
-45
-55
-70
-90
-120
Unit
JEDEC
Standard
tAVAV
tWC
Write Cycle Time (Note 1)
Min
45
55
70
90
120
ns
tAVWL
tAS
Address Setup Time
Min
0
ns
tWLAX
tAH
Address Hold Time
Min
35
45
45
45
50
ns
tDVWH
tDS
Data Setup Time
Min
20
20
30
45
50
ns
tWHDX
tDH
Data Hold Time
Min
0
ns
tGHWL
tGHWL
Read Recover Time Before Write
(OE# High to WE# Low)
Min
0
ns
tELWL
tCS
CE# Setup Time
Min
0
ns
tWHEH
tCH
CE# Hold Time
Min
0
ns
tWLWH
tWP
Write Pulse Width
Min
25
30
35
45
50
ns
tWHWL
tWPH
Write Pulse Width High
Min
20
ns
tWHWH1
tWHWH1
Byte Programming Operation
(Note 2)
Typ
14
µs
tWHWH2
tWHWH2
Sector Erase Operation (Note 2)
Typ
1.0
sec
tVCS
VCC Set Up Time (Note 1)
Min
50
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com