Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W29GL032CT7B Datasheet(PDF) 39 Page - Winbond

Part # W29GL032CT7B
Description  32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29GL032CT7B Datasheet(HTML) 39 Page - Winbond

Back Button W29GL032CT7B Datasheet HTML 35Page - Winbond W29GL032CT7B Datasheet HTML 36Page - Winbond W29GL032CT7B Datasheet HTML 37Page - Winbond W29GL032CT7B Datasheet HTML 38Page - Winbond W29GL032CT7B Datasheet HTML 39Page - Winbond W29GL032CT7B Datasheet HTML 40Page - Winbond W29GL032CT7B Datasheet HTML 41Page - Winbond W29GL032CT7B Datasheet HTML 42Page - Winbond W29GL032CT7B Datasheet HTML 43Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
W29GL032C
Publication Release Date: August 2, 2013
33
Revision H
Description
Symbol
VCC=2.7V~3.6V
ALT
STD
Min Typ
Max
Units
ACC 16-Word Program Operation
tWHWH1
77
µs
Sector Erase Operation
tWHWH2
0.15
2
Sec
Sector Erase Timeout
tSEA
50
µs
Release from Deep Power Down mode
tRDP
100
200
µs
Table 8-5
AC Characteristics
Note:
1. The EVIO feature was designed to support voltages from 1.65V to VCC. Device testing is conducted at EVIO=VCC.
8.5.1
Instruction Write Operation
Figure 8-5
Instruction Write Operation Waveform
DATA IN
tDS
tDH
VALID
ADDRESS
tAH
tAS
tOES
tWP
tWPH
tCS
tCH
tCWC
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
#CE
#WE
#OE
Addresses
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com