Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1.5KE Datasheet(PDF) 9 Page - STMicroelectronics

Part # 1.5KE
Description  Transil
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1.5KE Datasheet(HTML) 9 Page - STMicroelectronics

Back Button 1.5KE Datasheet HTML 2Page - STMicroelectronics 1.5KE Datasheet HTML 3Page - STMicroelectronics 1.5KE Datasheet HTML 4Page - STMicroelectronics 1.5KE Datasheet HTML 5Page - STMicroelectronics 1.5KE Datasheet HTML 6Page - STMicroelectronics 1.5KE Datasheet HTML 7Page - STMicroelectronics 1.5KE Datasheet HTML 8Page - STMicroelectronics 1.5KE Datasheet HTML 9Page - STMicroelectronics 1.5KE Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
1.5KE
Ordering information
Doc ID 2913 Rev 4
9/10
4
Ordering information
5
Revision history
Table 6.
Order codes
Order code
Marking
Package
Weight
Base qty
Delivery mode
1.5KExxxA/CA(1)
See Table 5
1.5KE
0.876g
1900
Tape and reel
600
Ammopack
1.
Where xxx is nominal value of VBR and A or CA indicates unidirectional or bidirectional version. See Table 3 for list of
available devices and their order codes
Table 7.
Document revision history
Date
Revision
Changes
Feb -2002
3A
Last issue
12-Mar-2012
4
Added UL statement,Table 5 and ordering information.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com