Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A7986ATR Datasheet(PDF) 8 Page - STMicroelectronics

Part # A7986ATR
Description  3 A step-down switching regulator for automotive applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7986ATR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button A7986ATR Datasheet HTML 4Page - STMicroelectronics A7986ATR Datasheet HTML 5Page - STMicroelectronics A7986ATR Datasheet HTML 6Page - STMicroelectronics A7986ATR Datasheet HTML 7Page - STMicroelectronics A7986ATR Datasheet HTML 8Page - STMicroelectronics A7986ATR Datasheet HTML 9Page - STMicroelectronics A7986ATR Datasheet HTML 10Page - STMicroelectronics A7986ATR Datasheet HTML 11Page - STMicroelectronics A7986ATR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Functional description
A7986A
8/42
DocID022801 Rev 5
5
Functional description
The A7986A is based on a “voltage mode”, constant frequency control. The output voltage
VOUT is sensed by the feedback pin (FB) compared to an internal reference (0.6 V)
providing an error signal that, compared to a fixed frequency sawtooth, controls the on and
off time of the power switch.
The main internal blocks are shown in the block diagram in Figure 3. They are:
•
A fully integrated oscillator that provides sawtooth to modulate the duty cycle and the
synchronization signal. Its switching frequency can be adjusted by an external resistor.
The voltage and frequency feed-forward are implemented
•
The soft-start circuitry to limit inrush current during the startup phase
•
The voltage mode error amplifier
•
The pulse width modulator and the relative logic circuitry necessary to drive the internal
power switch
•
The high-side driver for embedded P-channel power MOSFET switch
•
The peak current limit sensing block, to handle overload and short-circuit conditions
•
A voltage regulator and internal reference. It supplies internal circuitry and provides a
fixed internal reference
•
A voltage monitor circuitry (UVLO) that checks the input and internal voltages
•
A thermal shutdown block, to prevent thermal run-away.
Figure 3. Block diagram
PEAK
CURRENT
LIMIT
OSCILLATOR
S
R
Q
THERMAL
SHUTDOWN
SOFT-
START
EN
TRIMMING
UVLO
0.6V
REGULATOR
&
BANDGAP
1.254V
3.3V
SYNCH
&
PHASE SHIFT
EN
FB
COMP
FSW
GND
SYNCH
OUT
VCC
DRIVER
E/A
PWM
PEAK
CURRENT
LIMIT
OSCILLATOR
S
R
Q
THERMAL
SHUTDOWN
SOFT-
START
EN
TRIMMING
UVLO
UVLO
0.6V
REGULATOR
&
BANDGAP
REGULATOR
&
BANDGAP
1.254V
3.3V
SYNCH
&
PHASE SHIFT
EN
FB
COMP
FSW
GND
SYNCH
OUT
VCC
DRIVER
E/A
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com