Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CD00161566 Datasheet(PDF) 67 Page - STMicroelectronics

Part # CD00161566
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CD00161566 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button CD00161566 Datasheet HTML 63Page - STMicroelectronics CD00161566 Datasheet HTML 64Page - STMicroelectronics CD00161566 Datasheet HTML 65Page - STMicroelectronics CD00161566 Datasheet HTML 66Page - STMicroelectronics CD00161566 Datasheet HTML 67Page - STMicroelectronics CD00161566 Datasheet HTML 68Page - STMicroelectronics CD00161566 Datasheet HTML 69Page - STMicroelectronics CD00161566 Datasheet HTML 70Page - STMicroelectronics CD00161566 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 105 page
background image
DocID13587 Rev 16
67/105
STM32F103x8, STM32F103xB
Electrical characteristics
104
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Figure 30 and
Table 37, respectively.
Unless otherwise specified, the parameters given in Table 37 are derived from tests
performed under the ambient temperature and VDD supply voltage conditions summarized
in Table 9.
Table 37. I/O AC characteristics(1)
1. The I/O speed is configured using the MODEx[1:0] bits. Refer to the STM32F10xxx reference manual for a
description of GPIO Port configuration register.
MODEx[1:0]
bit value(1)
Symbol
Parameter
Conditions
Min Max
Unit
10
fmax(IO)out Maximum frequency(2)
2. The maximum frequency is defined in Figure 30.
CL = 50 pF, VDD = 2 V to 3.6 V
-
2
MHz
tf(IO)out
Output high to low
level fall time
CL = 50 pF, VDD = 2 V to 3.6 V
-125(3)
3. Guaranteed by design, not tested in production.
ns
tr(IO)out
Output low to high
level rise time
-125(3)
01
fmax(IO)out Maximum frequency(2) CL = 50 pF, VDD = 2 V to 3.6 V
-
10
MHz
tf(IO)out
Output high to low
level fall time
CL = 50 pF, VDD = 2 V to 3.6 V
-25(3)
ns
tr(IO)out
Output low to high
level rise time
-25(3)
11
Fmax(IO)out Maximum frequency(2)
CL = 30 pF, VDD = 2.7 V to 3.6 V -
50
MHz
CL = 50 pF, VDD = 2.7 V to 3.6 V -
30
CL = 50 pF, VDD = 2 V to 2.7 V
-
20
tf(IO)out
Output high to low
level fall time
CL = 30 pF, VDD = 2.7 V to 3.6 V -
5(3)
ns
CL = 50 pF, VDD = 2.7 V to 3.6 V -
8(3)
CL = 50 pF, VDD = 2 V to 2.7 V
-
12(3)
tr(IO)out
Output low to high
level rise time
CL = 30 pF, VDD = 2.7 V to 3.6 V -
5(3)
CL = 50 pF, VDD = 2.7 V to 3.6 V -
8(3)
CL = 50 pF, VDD = 2 V to 2.7 V
-
12(3)
-tEXTIpw
Pulse width of external
signals detected by
the EXTI controller
10
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com