Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CD00191174 Datasheet(PDF) 90 Page - STMicroelectronics

Part # CD00191174
Description  High-density access line, ARM-based 32-bit MCU
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CD00191174 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button CD00191174 Datasheet HTML 86Page - STMicroelectronics CD00191174 Datasheet HTML 87Page - STMicroelectronics CD00191174 Datasheet HTML 88Page - STMicroelectronics CD00191174 Datasheet HTML 89Page - STMicroelectronics CD00191174 Datasheet HTML 90Page - STMicroelectronics CD00191174 Datasheet HTML 91Page - STMicroelectronics CD00191174 Datasheet HTML 92Page - STMicroelectronics CD00191174 Datasheet HTML 93Page - STMicroelectronics CD00191174 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 112 page
background image
Electrical characteristics
STM32F101xC, STM32F101xD, STM32F101xE
90/112
Doc ID 14610 Rev 8
Table 54.
SPI characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode
18
MHz
Slave mode
18
tr(SCK)
tf(SCK)
SPI clock rise and fall
time
Capacitive load: C = 30 pF
8
ns
DuCy(SCK)
SPI slave input clock duty
cycle
Slave mode
30
70
%
tsu(NSS)
(1)
NSS setup time
Slave mode
4tPCLK
ns
th(NSS)
(1)
NSS hold time
Slave mode
2tPCLK
tw(SCKH)
(1)
tw(SCKL)
(1)
SCK high and low time
Master mode, fPCLK = 36 MHz,
presc = 4
50
60
tsu(MI)
(1)
tsu(SI)
(1)
Data input setup time
Master mode
5
Slave mode
5
th(MI)
(1)
Data input hold time
Master mode
5
th(SI)
(1)
Slave mode
4
ta(SO)
(1)(2)
Data output access time
Slave mode, fPCLK = 20 MHz
0
3tPCLK
tdis(SO)
(1)(3)
Data output disable time
Slave mode
2
10
tv(SO)
(1)(1)
Data output valid time
Slave mode (after enable edge)
25
tv(MO)
(1)(1)
Data output valid time
Master mode (after enable edge)
5
th(SO)
(1)
Data output hold time
Slave mode (after enable edge)
15
th(MO)
(1)
Master mode (after enable edge)
2
1.
Based on characterization, not tested in production.
2.
Min time is for the minimum time to drive the output and the max time is for the maximum time to validate
the data.
3.
Min time is for the minimum time to invalidate the output and the max time is for the maximum time to put
the data in Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com