| Electronic Components Datasheet Search |
|
STM32F103RB Datasheet(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103RB Datasheet(HTML) 72 Page - STMicroelectronics |
|
72 / 105 page ![]() Electrical characteristics STM32F103x8, STM32F103xB 72/105 DocID13587 Rev 16 SPI interface characteristics Unless otherwise specified, the parameters given in Table 42 are derived from tests performed under the ambient temperature, fPCLKx frequency and VDD supply voltage conditions summarized in Table 9. Refer to Section 5.3.12: I/O current injection characteristics for more details on the input/output alternate function characteristics (NSS, SCK, MOSI, MISO). Table 42. SPI characteristics Symbol Parameter Conditions Min Max Unit fSCK 1/tc(SCK) SPI clock frequency Master mode - 18 MHz Slave mode - 18 tr(SCK) tf(SCK) SPI clock rise and fall time Capacitive load: C = 30 pF - 8 ns DuCy(SCK) SPI slave input clock duty cycle Slave mode 30 70 % tsu(NSS)(1) 1. Based on characterization, not tested in production. NSS setup time Slave mode 4tPCLK - ns th(NSS)(1) NSS hold time Slave mode 2tPCLK - tw(SCKH)(1) tw(SCKL)(1) SCK high and low time Master mode, fPCLK = 36 MHz, presc = 4 50 60 tsu(MI) (1) tsu(SI)(1) Data input setup time Master mode 5 - Slave mode 5 - th(MI) (1) Data input hold time Master mode 5 - th(SI)(1) Slave mode 4 - ta(SO)(1)(2) 2. Min time is for the minimum time to drive the output and the max time is for the maximum time to validate the data. Data output access time Slave mode, fPCLK = 20 MHz 0 3tPCLK tdis(SO)(1)(3) 3. Min time is for the minimum time to invalidate the output and the max time is for the maximum time to put the data in Hi-Z Data output disable time Slave mode 2 10 tv(SO) (1) Data output valid time Slave mode (after enable edge) 25 tv(MO)(1) Data output valid time Master mode (after enable edge) 5 th(SO)(1) Data output hold time Slave mode (after enable edge) 15 - th(MO)(1) Master mode (after enable edge) 2 - |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |