Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CD00253742 Datasheet(PDF) 44 Page - STMicroelectronics

Part # CD00253742
Description  XL-density performance line ARM-based 32-bit MCU
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CD00253742 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button CD00253742 Datasheet HTML 40Page - STMicroelectronics CD00253742 Datasheet HTML 41Page - STMicroelectronics CD00253742 Datasheet HTML 42Page - STMicroelectronics CD00253742 Datasheet HTML 43Page - STMicroelectronics CD00253742 Datasheet HTML 44Page - STMicroelectronics CD00253742 Datasheet HTML 45Page - STMicroelectronics CD00253742 Datasheet HTML 46Page - STMicroelectronics CD00253742 Datasheet HTML 47Page - STMicroelectronics CD00253742 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 120 page
background image
Electrical characteristics
STM32F103xF, STM32F103xG
44/120
Doc ID 16554 Rev 3
Table 14.
Maximum current consumption in Run mode, code with data processing
running from Flash
Symbol
Parameter
Conditions
fHCLK
Max(1)
1.
Based on characterization, not tested in production.
Unit
TA = 85 °C
TA = 105 °C
IDD
Supply current in
Run mode
External clock(2), all
peripherals enabled
2.
External clock is 8 MHz and PLL is on when fHCLK > 8 MHz.
72 MHz
68
69
mA
48 MHz
51
51
36 MHz
41
41
24 MHz
29
30
16 MHz
22
22.5
8 MHz
12.5
14
External clock(3), all
peripherals disabled
72 MHz
39
39
48 MHz
29.5
30
36 MHz
24
24.5
24 MHz
17.5
19
16 MHz
14
15
8 MHz
8.5
10.5
Table 15.
Maximum current consumption in Run mode, code with data processing
running from RAM
Symbol
Parameter
Conditions
fHCLK
Max(1)
1.
Data based on characterization results, tested in production at VDD max, fHCLK max.
Unit
TA = 85 °C
TA = 105 °C
IDD
Supply current
in Run mode
External clock(2), all
peripherals enabled
2.
External clock is 8 MHz and PLL is on when fHCLK > 8 MHz.
72 MHz
65
65.5
mA
48 MHz
46.5
47
36 MHz
37
37
24 MHz
26.5
27
16 MHz
19
20
8 MHz
11.5
13
External clock(3), all
peripherals disabled
72 MHz
34.5
36
48 MHz
25
26
36 MHz
20.5
21
24 MHz
15
16
16 MHz
11
13
8 MHz
7.5
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com