Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM188ES-33VC/W Datasheet(PDF) 75 Page - Advanced Micro Devices

Part # AM188ES-33VC/W
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM188ES-33VC/W Datasheet(HTML) 75 Page - Advanced Micro Devices

Back Button AM188ES-33VC/W Datasheet HTML 71Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 72Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 73Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 74Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 75Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 76Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 77Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 78Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 79Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 102 page
background image
Am186/188ES and Am186/188ESLV Microcontrollers
75
P R E L IMINAR Y
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges
PSRAM Read Cycle (33 MHz and 40 MHz)
Notes:
All timing parameters are measured at 1.5 V with 50 pF loading on CLKOUTA, unless otherwise noted. All output test conditions
are with CL=50 pF. For switching tests, VIL=0.45 V and VIH =2.4 V, except at X1 where VIH =VCC –0.5 V.
a
Testing is performed with equal loading on referenced pins.
b
If either spec 2 or spec 59 is met with respect to data hold time, the part will function correctly.
Parameter
Preliminary
Unit
33 MHz
40 MHz
No.
Symbol
Description
Min
Max
Min
Max
General Timing Requirements
1tDVCL
Data in Setup
8
5
ns
2tCLDX
Data in Hold(b)
32
ns
General Timing Responses
5tCLAV
AD Address Valid Delay and BHE
0
15
0
12
ns
7tCLDV
Data Valid Delay
0
15
0
12
ns
8tCHDX
Status Hold Time
0
0
ns
9tCHLH
ALE Active Delay
15
12
ns
10
tLHLL
ALE Width
tCLCL–10=20
tCLCL–5=20
ns
11
tCHLL
ALE Inactive Delay
15
12
ns
23
tLHAV
ALE High to Address Valid
10
7.5
ns
80
tCLCLX
LCS Inactive Delay
0
15
0
12
ns
81
tCLCSL
LCS Active Delay
0
15
0
12
ns
84
tLRLL
LCS Precharge Pulse Width
tCLCL + tCLCH –3
tCLCL + tCLCH –
1.25
ns
Read Cycle Timing Responses
24
tAZRL
AD Address Float to RD Active
0
0
ns
25
tCLRL
RD Active Delay
0
15
0
10
ns
26
tRLRH
RD Pulse Width
2tCLCL–15=45
2tCLCL–10=40
ns
27
tCLRH
RD Inactive Delay
0
15
0
12
ns
28
tRHLH
RD Inactive to ALE High(a)
tCLCH–3
tCLCH–1.25
ns
59
tRHDX
RD High to Data Hold on AD
Bus(b)
00
ns
66
tAVRL
A Address Valid to RD Low
tCLCL+ tCHCL–3
tCLCL+ tCHCL–
1.25
ns
68
tCHAV
CLKOUTA High to A Address
Valid
015010
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com