| Electronic Components Datasheet Search |
|
AM29F010-45FEB Datasheet(PDF) 11 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F010-45FEB Datasheet(HTML) 11 Page - Advanced Micro Devices |
|
11 / 31 page ![]() Am29F010 11 Note: See the appropriate Command Definitions table for program command sequence. Figure 1. Program Operation Chip Erase Command Sequence Chip erase is a six-bus-cycle operation. The chip erase command sequence is initiated by writing two unlock cycles, followed by a set-up command. Two additional unlock write cycles are then followed by the chip erase command, which in turn invokes the Embedded Erase algorithm. The device does not require the system to preprogram prior to erase. The Embedded Erase algo- rithm automatically preprograms and verifies the entire memory for an all zero data pattern prior to electrical erase. The system is not required to provide any con- trols or timings during these operations. The Command Definitions table shows the address and data require- ments for the chip erase command sequence. Any commands written to the chip during the Embed- ded Erase algorithm are ignored. The system can determine the status of the erase operation by using DQ7 or DQ6. See “Write Opera- tion Status” for information on these status bits. When the Embedded Erase algorithm is complete, the device returns to reading array data and ad- dresses are no longer latched. Figure 2 illustrates the algorithm for the erase opera- tion. See the Erase/Program Operations tables in “AC Characteristics” for parameters, and to the Chip/Sector Erase Operation Timings for timing waveforms. Sector Erase Command Sequence Sector erase is a six bus cycle operation. The sector erase command sequence is initiated by writing two unlock cycles, followed by a set-up command. Two ad- ditional unlock write cycles are then followed by the ad- dress of the sector to be erased, and the sector erase command. The Command Definitions table shows the address and data requirements for the sector erase command sequence. The device does not require the system to preprogram the memory prior to erase. The Embedded Erase algo- rithm automatically programs and verifies the sector for an all zero data pattern prior to electrical erase. The system is not required to provide any controls or tim- ings during these operations. After the command sequence is written, a sector erase time-out of 50 µs begins. During the time-out period, additional sector addresses and sector erase com- mands may be written. Loading the sector erase buffer may be done in any sequence, and the number of sec- tors may be from one sector to all sectors. The time be- tween these additional cycles must be less than 50 µs, otherwise the last address and command might not be accepted, and erasure may begin. It is recommended that processor interrupts be disabled during this time to ensure all commands are accepted. The interrupts can be re-enabled after the last Sector Erase command is START Write Program Command Sequence Data Poll from System Verify Data? No Yes Last Address? No Yes Programming Completed Increment Address Embedded Program algorithm in progress 16736G-7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |