Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29F010-70FEB Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM29F010-70FEB
Description  1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F010-70FEB Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM29F010-70FEB Datasheet HTML 1Page - Advanced Micro Devices AM29F010-70FEB Datasheet HTML 2Page - Advanced Micro Devices AM29F010-70FEB Datasheet HTML 3Page - Advanced Micro Devices AM29F010-70FEB Datasheet HTML 4Page - Advanced Micro Devices AM29F010-70FEB Datasheet HTML 5Page - Advanced Micro Devices AM29F010-70FEB Datasheet HTML 6Page - Advanced Micro Devices AM29F010-70FEB Datasheet HTML 7Page - Advanced Micro Devices AM29F010-70FEB Datasheet HTML 8Page - Advanced Micro Devices AM29F010-70FEB Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
FINAL
Publication# 16736
Rev: G Amendment/+2
Issue Date: March 1998
Am29F010
1 Megabit (128 K x 8-bit)
CMOS 5.0 Volt-only, Uniform Sector Flash Memory
DISTINCTIVE CHARACTERISTICS
s Single power supply operation
—5.0 V
± 10% for read, erase, and program
operations
— Simplifies system-level power requirements
s High performance
— 45 ns maximum access time
s Low power consumption
— 30 mA max active read current
— 50 mA max program/erase current
— <25
µA typical standby current
s Flexible sector architecture
— Eight uniform sectors
— Any combination of sectors can be erased
— Supports full chip erase
s Sector protection
— Hardware-based feature that disables/re-
enables program and erase operations in any
combination of sectors
— Sector protection/unprotection can be
implemented using standard PROM
programming equipment
s Embedded Algorithms
— Embedded Erase algorithm automatically
pre-programs and erases the chip or any
combination of designated sector
— Embedded Program algorithm automatically
programs and verifies data at specified address
s Minimum 100,000 program/erase cycles
guaranteed
s Package options
— 32-pin PLCC
— 32-pin TSOP
— 32-pin PDIP
s Compatible with JEDEC standards
— Pinout and software compatible with
single-power-supply flash
— Superior inadvertent write protection
s Data# Polling and Toggle Bits
— Provides a software method of detecting
program or erase cycle completion


Similar Part No. - AM29F010-70FEB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F010-1 AMD-AM29F010-1 Datasheet
56Kb / 8P
1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
AM29F010-120DGC1 AMD-AM29F010-120DGC1 Datasheet
56Kb / 8P
1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
AM29F010-120DGE1 AMD-AM29F010-120DGE1 Datasheet
56Kb / 8P
1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
AM29F010-120DGI1 AMD-AM29F010-120DGI1 Datasheet
56Kb / 8P
1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
AM29F010-120DPC1 AMD-AM29F010-120DPC1 Datasheet
56Kb / 8P
1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
More results

Similar Description - AM29F010-70FEB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F010-1 AMD-AM29F010-1 Datasheet
56Kb / 8P
1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
AM29F040B AMD-AM29F040B Datasheet
394Kb / 30P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29LV010B AMD-AM29LV010B Datasheet
66Kb / 7P
1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
SPANSION
AM29F010B SPANSION-AM29F010B Datasheet
849Kb / 35P
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F010A AMD-AM29F010A Datasheet
389Kb / 31P
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AMD29F010B AMD-AMD29F010B Datasheet
779Kb / 34P
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29LV010B AMD-AM29LV010B_06 Datasheet
942Kb / 36P
1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29F010B AMD-AM29F010B Datasheet
332Kb / 14P
1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
logo
SPANSION
AM29F010B SPANSION-AM29F010B_06 Datasheet
951Kb / 33P
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Force Technologies Ltd
FT29F010B FORCE-FT29F010B Datasheet
2Mb / 30P
1 Megabit (128 K x 8-bit) Uniform Sector Flash Memory CMOS 5.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com