Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62P25LB6 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST62P25LB6
Description  8-bit MCUs with A/D converter
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62P25LB6 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST62P25LB6 Datasheet HTML 37Page - STMicroelectronics ST62P25LB6 Datasheet HTML 38Page - STMicroelectronics ST62P25LB6 Datasheet HTML 39Page - STMicroelectronics ST62P25LB6 Datasheet HTML 40Page - STMicroelectronics ST62P25LB6 Datasheet HTML 41Page - STMicroelectronics ST62P25LB6 Datasheet HTML 42Page - STMicroelectronics ST62P25LB6 Datasheet HTML 43Page - STMicroelectronics ST62P25LB6 Datasheet HTML 44Page - STMicroelectronics ST62P25LB6 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 105 page
background image
ST6215C ST6225C
41/105
I/O PORTS (Cont’d)
Table 9. I/O Port Option Selections
Note 1. Provided the correct configuration has been selected (see Table 8).
MODE
AVAILABLE
ON(1)
SCHEMATIC
Input
PA0-PA7
PB0-PB7
PC4-PC7
DDRx
0
ORx
0
DRx
1
Reset state
Input
with pull up
PA0-PA7
PB0-PB7
PC4-PC7
DDRx
0
ORx
0
DRx
0
Input
with pull up
with interrupt
PA0-PA7
PB0-PB7
PC4-PC7
DDRx
0
ORx
1
DRx
0
Analog Input
PA4-PA7
PB0-PB7
PC4-PC7
DDRx
0
ORx
1
DRx
1
Open drain output (5mA)
Open drain output (20 mA)
PA4-PA7
PB0-PB7
PC4-PC7
PA0-PA3
DDRx
1
ORx
0
DRx
0/1
Push-pull output (5mA)
Push-pull output (20 mA)
PA4-PA7
PB0-PB7
PC4-PC7
PA0-PA3
DDRx
1
ORx
1
DRx
0/1
Data in
Interrupt
VDD
VDD
Data in
Interrupt
VDD
VDD
Data in
Interrupt
VDD
VDD
ADC
VDD
Data out
P-buffer disconnected
VDD
Data out
VDD
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com